Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4083BBCZ Datasheet(PDF) 48 Page - Analog Devices

Part # AD4083BBCZ
Description  16-Bit, 40MSPS, Low Noise, Low Power SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4083BBCZ Datasheet(HTML) 48 Page - Analog Devices

Back Button AD4083BBCZ Datasheet HTML 44Page - Analog Devices AD4083BBCZ Datasheet HTML 45Page - Analog Devices AD4083BBCZ Datasheet HTML 46Page - Analog Devices AD4083BBCZ Datasheet HTML 47Page - Analog Devices AD4083BBCZ Datasheet HTML 48Page - Analog Devices AD4083BBCZ Datasheet HTML 49Page - Analog Devices AD4083BBCZ Datasheet HTML 50Page - Analog Devices AD4083BBCZ Datasheet HTML 51Page - Analog Devices AD4083BBCZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 94 page
background image
Data Sheet
AD4083
DIGITAL INTERFACE
analog.com
Rev. 0 | 48 of 94
Table 20. Valid LVDS_CNV_CLK_CNT Settings
LVDS_CNV_CLK_CNT
Settings
Clock Count Number
Single Lane Mode
Dual Lane Mode
0b0000
3
3
0b0001
4
4
0b0010
5
1/5
0b0011
6
2
0b0100
7
Selection not valid
0b0101
8
Selection not valid
0b0110
1
Selection not valid
0b0111
2
Selection not valid
As a overview guide, Table 21 indicates the minimum required
LVDS_CNV_CLK_CNT settings for various conversion rates.
The maximum tMSB of 22.4ns, that is with the gain error correction
enabled (see the Gain Error Correction section), is used for all
calculations in Table 21.
On power-up, the value of the gain error correction is 0x200,
disabling the correction and allowing for a lower latency result. In
this case, tMSB is 18 ns and a latency of 48.43 ns can be achieved.
To aid alignment of this valid result data position with the digital host
of the user, the ADC Data Interface Configuration A register (see
the ADC Data Interface Configuration A Register section, Address
0x15) contains access to the interface check feature enabled by
setting the INTF_CHK_EN bit. When this bit is set, the ADC results
are no longer output on the interface, and the output is replaced
with a fixed pattern 20b1010 1100 0101 1101 0110 (0xA C5D6).
This feature allows the user to align and test the data interface to
their digital host. When the INTF_CHK_EN bit is unset, the normal
conversion results are output to the LVDS interface immediately.
This method is useful for alignment, particularly for self clock mode
cases where unknown PCB propagation delays may be present
between the AD4083 and its digital host controller. Note that this
feature was specifically designed to help output LVDS data with the
LVDS clock of the digital host by using static data, and the feature
does not indicate if the LVDS_CNV_CLK_CNT setting is used.
Table 21. LVDS_CNV_CLK_CNT Settings for Various Sample Rates (with gain correction applied)
Sample Rate (MSPS)
LVDS Lanes
fCLK (MHz)
tCLK (ns)
(tMSB/tCLK) + 1.5
LVDS_CNV_CLK_CNT Setting
40
1
320
3.125
8.67
8
35
1
280
3.571
7.77
7
30
1
240
4.167
6.88
6
25
1
200
5.000
5.98
5
20
1
160
6.250
5.08
5
15
1
120
8.333
4.19
4
40
2
160
6.250
5.08
1/5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com