Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4083BBCZ Datasheet(PDF) 52 Page - Analog Devices

Part # AD4083BBCZ
Description  16-Bit, 40MSPS, Low Noise, Low Power SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4083BBCZ Datasheet(HTML) 52 Page - Analog Devices

Back Button AD4083BBCZ Datasheet HTML 48Page - Analog Devices AD4083BBCZ Datasheet HTML 49Page - Analog Devices AD4083BBCZ Datasheet HTML 50Page - Analog Devices AD4083BBCZ Datasheet HTML 51Page - Analog Devices AD4083BBCZ Datasheet HTML 52Page - Analog Devices AD4083BBCZ Datasheet HTML 53Page - Analog Devices AD4083BBCZ Datasheet HTML 54Page - Analog Devices AD4083BBCZ Datasheet HTML 55Page - Analog Devices AD4083BBCZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 94 page
background image
Data Sheet
AD4083
DIGITAL INTERFACE
analog.com
Rev. 0 | 52 of 94
Table 25. GPIO_x_SEL Function Descriptions
GPIO_x_SEL
Function
Description
0000b
Configuration SPI
SDO
Configuration Serial Data Output. This configures the selected GPIO to be the SDO for the configuration SPI.
0001b
FIFO full
FIFO Memory Full Indication Output. This configures the selected GPIO to function as a FIFO full indicator. The FIFO full indicator
is set when the conversion result corresponding to the specified count in the FIFO watermark registers (see the FIFO Watermark
Register section, Address 0x1D and Address 0x1E) is loaded into the data FIFO. The FIFO full status bit is cleared by reading data
from the FIFO, and it is cleared when the first conversion result is moved from the FIFO to the data interface output shift register.
0010b
FIFO read done
FIFO Memory Read Completed Output. This configures the selected GPIO to function as a FIFO read done indicator. The FIFO read
done indicator is cleared by default when the FIFO is first enabled, and each time the last conversion result is moved from the FIFO
into the data interface output shift register. The FIFO read done is cleared when the MSB of the last FIFO result is read on the selected
data interface.
0011b
Filter result ready
Filter Result Ready Output. When the digital filter is enabled, this configures the selected GPIO to function as an indicator that new
data is available to read on the interface. This active low indication allows synchronization between the host and the AD4083 when
utilizing the integrated digital filter to oversample and decimate an incoming signal. The signal is driven low at the end of each filter
decimation period and is driven high again before the next decimated output is ready.
0100b
HI_DTCT
High Threshold Event Output. With threshold detection enabled, this configures the selected GPIO to indicate when the high level
threshold is crossed. The output is active high.
0101b
LO_DTCT
Low Threshold Output. With threshold detection enabled, this configures the selected GPIO to indicate when the low level threshold is
crossed. The output is active high.
0110b
ALERT
Status Alert (Active Low) Output. This configures the selected GPIO to function as the status alert for threshold event detection.
0111b
GPIO data
General-Purpose Output Mode. In this mode, the state of the corresponding GPIO_x_DATA bit in the GPIO Configuration A register
(see the GPIO Configuration A Register section, Address 0x19) is applied to the configured output.
1000b
FILTER_SYNC
Filter Synchronization Input (Active Low). This configures the selected GPIO to function as a synchronization signal for the digital filter.
When held low, this input holds the digital filter in reset.
1001b
EXT_EVENT
External Event Trigger Input. Event triggers when a logic high is detected on the configured GPIO input. This event can be used to
trigger the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com