Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4086BBCZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD4086BBCZ
Description  14-Bit, 40 MSPS, Low Noise, Low Power SAR ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4086BBCZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD4086BBCZ Datasheet HTML 43Page - Analog Devices AD4086BBCZ Datasheet HTML 44Page - Analog Devices AD4086BBCZ Datasheet HTML 45Page - Analog Devices AD4086BBCZ Datasheet HTML 46Page - Analog Devices AD4086BBCZ Datasheet HTML 47Page - Analog Devices AD4086BBCZ Datasheet HTML 48Page - Analog Devices AD4086BBCZ Datasheet HTML 49Page - Analog Devices AD4086BBCZ Datasheet HTML 50Page - Analog Devices AD4086BBCZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
Data Sheet
AD4086
DIGITAL INTERFACE
analog.com
Rev. 0 | 47 of 91
Table 20. Valid LVDS_CNV_CLK_CNT Settings
LVDS_CNV_CLK_CNT
Settings
Clock Count Number
Single Lane Mode
Dual Lane Mode
0b0000
3
3
0b0001
4
4
0b0010
5
1/5
0b0011
6
2
0b0100
7
Selection not valid
0b0101
1
Selection not valid
0b0110
2
Selection not valid
As a overview guide, Table 21 indicates the minimum required
LVDS_CNV_CLK_CNT settings for various conversion rates.
The maximum tMSB of 22.4ns, that is with the gain error correction
enabled (see the Gain Error Correction section), is used for all
calculations in Table 21.
On power-up, the value of the gain error correction is 0x200,
disabling the correction and allowing for a lower latency result. In
this case, tMSB is 18 ns and a latency of 48.21 ns can be achieved.
To aid alignment of this valid result data position with the digital host
of the user, the ADC Data Interface Configuration A register (see
the ADC Data Interface Configuration A Register section, Address
0x15) contains access to the interface check feature enabled by
setting the INTF_CHK_EN bit. When this bit is set, the ADC results
are no longer output on the interface, and the output is replaced
with a fixed pattern 20b1010 1100 0101 1101 0110 (0xA C5D6).
This feature allows the user to align and test the data interface to
their digital host. When the INTF_CHK_EN bit is unset, the normal
conversion results are output to the LVDS interface immediately.
This method is useful for alignment, particularly for self clock mode
cases where unknown PCB propagation delays may be present
between the AD4086 and its digital host controller. Note that this
feature was specifically designed to help output LVDS data with the
LVDS clock of the digital host by using static data, and the feature
does not indicate if the LVDS_CNV_CLK_CNT setting is used.
Table 21. LVDS_CNV_CLK_CNT Settings for Various Sample Rates (with gain correction applied)
Sample Rate (MSPS)
LVDS Lanes
fCLK (MHz)
tCLK (ns)
(tMSB/tCLK) + 1.5
LVDS_CNV_CLK_CNT Setting
40
1
280
3.571
7.772
7
35
1
245
4.082
6.988
6
30
1
210
4.762
6.204
6
25
1
175
5.714
5.420
5
20
1
140
7.143
4.636
4
15
1
105
9.524
3.852
3
40
2
140
7.143
4.636
4
LVDS Data Transfer Latency
Where the user is concerned in knowing the overall latency from
when an individual ADC conversion is initiated to the time when
the LSB has reached the host controller, it is important to consider
the data transfer latency. The total latency observed is the sum of
the ADC latency and the data transfer latency, in this case, the
LVDS_CNV_CLK_CNT is set to achieve minimum ADC latency.
Additional clock cycles more than the minimum required incur
additional LVDS clock cycles of latency to the overall latency, as is
shown in Figure 76.
The data transfer latency on the LVDS interface depends on the
following parameters:
►
LVDS clock period, tCLK
►
Number of active LVDS lanes, NLANES
►
Number of bits to be read, NBITS
Calculate the latency as follows:
Data
 Transfer Latency= NBITSNLANES×tCLK
For applications that require extremely low latencies, note that as
the data is transferred MSB to LSB in both single and dual lane
modes, and that there is no requirement to fully read a result from
the interface, the data transfer latency can be reduced for lower
resolution results (that is, NBITS can be chosen to be smaller than
the maximum 14 bits available).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com