Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4086BBCZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD4086BBCZ
Description  14-Bit, 40 MSPS, Low Noise, Low Power SAR ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4086BBCZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD4086BBCZ Datasheet HTML 21Page - Analog Devices AD4086BBCZ Datasheet HTML 22Page - Analog Devices AD4086BBCZ Datasheet HTML 23Page - Analog Devices AD4086BBCZ Datasheet HTML 24Page - Analog Devices AD4086BBCZ Datasheet HTML 25Page - Analog Devices AD4086BBCZ Datasheet HTML 26Page - Analog Devices AD4086BBCZ Datasheet HTML 27Page - Analog Devices AD4086BBCZ Datasheet HTML 28Page - Analog Devices AD4086BBCZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 91 page
background image
Data Sheet
AD4086
THEORY OF OPERATION
analog.com
Rev. 0 | 25 of 91
tioning back to normal mode) is achieved in a similar way, because
the SPI configuration interface operation is not affected by any
of the power saving modes (see the SPI Configuration Interface
section). Standby mode can be selected to save power in the case
where the user wants to quickly return to normal conversions. Sleep
mode is a lower power state where returning to normal mode takes
longer. Both standby and sleep mode can be particularly useful
when used with the result FIFO (see the Result FIFO section),
whereby previously stored conversion data can be accessed from
the FIFO while it is still in the selected power saving mode.
To reduce power consumption in both standby and sleep modes,
the internal IOVDD LDO regulator is powered down. If the user
is not externally supplying IOVDD, all IOVDD domain inputs and
outputs are disabled (all GPIOx, all LVDS data interface (see the
LVDS Data Interface section), and SPI data interface (see the
SPI Data Interface section) signals are disabled. In this specific
condition, it is still possible to write to the AD4086 SPI configuration
to issue a command to return to normal mode by writing to the
OPERATING_MODES bits in the device configuration register (see
the Device Configuration Register section) or to issue a software
reset (see the Software Reset section). As GPIOx is disabled, it is
not possible to perform any read activity on the SPI configuration
interface bus.
When IOVDD is externally supplied, and the device is put into
standby or sleep mode, the LVDS data interface is disabled; howev-
er, all GPIOx, SPI data interface, and SPI configuration interface
pins remain enabled and unaffected. While power is supplied exter-
nally to IOVDD within its specified range, previously acquired data
stored in the result FIFO can be access in either standby or sleep
mode.
Table 11 also indicates the wake-up times associated with each of
the modes. Wake-up time from sleep mode is significantly higher
than that of standby mode, because time must be allowed for
the internal reference and common-mode buffers to re-enable and
to replenish charge to the internal capacitors. When returning to
normal mode, the specified wake-up time must be satisfied before
applying the first conversion start pulse. This specified time is the
time it takes from when the SPI command to exit the selected
power saving mode is written to the device configuration register
(see the Device Configuration Register section) to update the
OPERATING_MODES bits.
For the lowest power consumption in any of the power saving
operating modes, the LVDS_SELF_CLK_MODE must be enabled
in the ADC Data Interface Configuration B register (see the ADC
Data Interface Configuration B Register section) to power down the
LVDS DCO transmitter.
Table 11. Power Saving Operating Modes
Operating
Mode
OPERATING_MODES
Bits Value
Description
Effect
Wake-Up Time (Maximum Time to
Normal Mode)
Normal
0b00
Normal operating mode
Normal operation.
Not applicable
Standby
0b10
Standby operating mode
The internal IOVDD LDO regulator is disabled.
100μs
If IOVDD is not externally supplied, all GPIOx and all
LVDS data interface and SPI data interface signals
are disabled. For the SPI configuration interface only,
writes to the device configuration register (see the
Device Configuration Register section) and Interface
Configuration A register (see the Interface Configuration
A Register section) are allowed.
If IOVDD is externally supplied, all GPIOx and SPI data
interface signals are enabled. The SPI configuration
interface is fully enabled. Because the SPI data
interface remains enabled, the user can access data
in the result FIFO (see the Result FIFO section).
The ADC core is powered down. The analog circuitry
remains in reset (ANA_RESET remains asserted), and
no ADC conversions can be performed.
The VDD33 supply can be removed to reduce power.
When in use, the internal VDD11 LDO regulator remains
on.
The internal reference buffer is enabled.
The common-mode output buffer is enabled.
The LVDS interface is disabled.
Sleep
0b11
Low power operating mode
The internal IOVDD LDO regulator is disabled.
180μs
If IOVDD is not externally supplied, all GPIOx and all
LVDS and SPI data interface signals are disabled. For
the SPI configuration interface only, writes to the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com