Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9341 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9341
Description  QUAD LOW SIDE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9341 Datasheet(HTML) 4 Page - STMicroelectronics

  L9341 Datasheet HTML 1Page - STMicroelectronics L9341 Datasheet HTML 2Page - STMicroelectronics L9341 Datasheet HTML 3Page - STMicroelectronics L9341 Datasheet HTML 4Page - STMicroelectronics L9341 Datasheet HTML 5Page - STMicroelectronics L9341 Datasheet HTML 6Page - STMicroelectronics L9341 Datasheet HTML 7Page - STMicroelectronics L9341 Datasheet HTML 8Page - STMicroelectronics L9341 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
15
CLK
PWM3
PWM4
PWM1
PWM2
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Figure 1: Logic Diagram of PWM Generation.
+12V
I s
I s
12V
0
1A
1A
0
0
du/dt
du/dt
di/dt
di/dt
di/dt
di/dt
5%
5%
Internal PWM Signal
I
I
Current through
Flyback Diode
Current through
Low Side Switch
I
GND
out
V out
t
dpo
out
t
dpo
f
I
f
D
DMOS
D
OUT
Vs
D
I
f
Output Voltage V
20 mH
5
10 nF
220 nF
Figure 2: Output Switching Diagram.
220 nF
D1
Schaffner
Generator
4 x 10 nF
-2V to 40 V
Vs
GND
OUT1
OUT2
OUT3
OUT4
4x 1 nF
+12V
10 uF
VCC
+5V
Figure 3: Test Circuit for Schaffner Pulses.
INTERNAL
CLOCK
L9341
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com