Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9341 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9341
Description  QUAD LOW SIDE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9341 Datasheet(HTML) 5 Page - STMicroelectronics

  L9341 Datasheet HTML 1Page - STMicroelectronics L9341 Datasheet HTML 2Page - STMicroelectronics L9341 Datasheet HTML 3Page - STMicroelectronics L9341 Datasheet HTML 4Page - STMicroelectronics L9341 Datasheet HTML 5Page - STMicroelectronics L9341 Datasheet HTML 6Page - STMicroelectronics L9341 Datasheet HTML 7Page - STMicroelectronics L9341 Datasheet HTML 8Page - STMicroelectronics L9341 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MSB
14
13
12
11
3
2
1
LSB
MSB
14
13
12
11
3
2
1
LSB
SCLK
SDI
SDO
CS
SCLK
SDI
SDO
tclcl tchcl
tch
tcl
tclch
tchch
t su
th
t d
t clz
t oh
t zch
15
14
0
0
15
CS
Figure 4: Synchronous Serial Interface Protocol.
fclock
Clock Frequency
min. DC
max. 2MHz
tch
Width of Clock Input High Puls
min. 200ns
tcl
Widh of Clock Input Low Puls
min. 200ns
tcicl
Clock Low Before CS Low
min. 200ns
tchcl
Clock High After CS Low
min. 200ns
tclch
Clock Low Before CS High
min. 200ns
tchch
Clock High After CS High
min. 200ns
tciz
SDO Low-Z CS Low
min. 0ns
max. 400ns
tzch
SDO High-Z CS High
max. 400ns
tsu
SDI Input Setup Time
min. 80ns
th
SDI Input Hold Time
min. 80ns
td
SDO Output Delay Time (CL = 50pF)
max. 100ns
toh
SDO Output Hold Time
min. 0ns
L9341
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com