Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9347 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9347
Description  INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9347 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9347 Datasheet HTML 7Page - STMicroelectronics L9347 Datasheet HTML 8Page - STMicroelectronics L9347 Datasheet HTML 9Page - STMicroelectronics L9347 Datasheet HTML 10Page - STMicroelectronics L9347 Datasheet HTML 11Page - STMicroelectronics L9347 Datasheet HTML 12Page - STMicroelectronics L9347 Datasheet HTML 13Page - STMicroelectronics L9347 Datasheet HTML 14Page - STMicroelectronics L9347 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/21
L9347
set on error and all power outputs are shut off. The status signals remain in their state until the clock signal is
present again. A clock failure during power on of VCC is detected only on the regulated channels. The status
outputs of the channel 1 and 2 are low in this case.
1.7
Drift Detection (regulated channels only)
The drift detection is used to compare the two regulated channels during regulation. This “Drift” test compares
the output PWM of the regulators. The resistivity of the load influences the output PWM. The approximated for-
mula for the output current below shows the dependency of the load resistor to the output PWM. In this formula
the energy reduction during the recirculation is not taken into account. The real output PWM is higher. The test-
mode is enabled with IN,EN and TEST high. With an identical 2kHz PWM-Signal connected to the IN-inputs the
output PWM must be in a range of +-14.3%. If the difference between the two on-times is more than ±14.3% of
the expected value an error is detected and monitored by the status outputs, in the same way as described
above, but a drift error will not be registered and also not delayed with TD as other errors
A 7bit output-PWM-register is used for the comparison. The register with the lower value is subtracted from the
higher one. This result is multiplied by four and compared with the higher value.
1.8
Other Test modes
The test pin is also used to test the regulated channels in the production. With a special sequence on this pin
the power stages of the regulated channels can be controlled direct from the input. No status feedback of the
regulated channels is given. The status output is clocked by the regulator logic. The output sequence is a indi-
cation of a proper logic functionality. The following table shows the functionality of this special test mode
For more details about the test condition four see timing diagram.
EN
IN
TEST
OUT
STATUS
Note
1
X
X
X
X
disable test mode
1
1
1
on
1
Drift mode
0
X
off
test pattern
test condition one
0
X
off
test pattern
test condition two
0
X
off
test pattern
test condition three
0
0
off
test pattern
test condition four
0
1
on
test pattern
test condition four
IOUT
VBAT
RL
RON
+
----------------------------
PWM
=
Drift Definition:
Drift = PWM(1+E) - PWM (1-E) = 2PWM E
Drift * 4 < PWM (1+E)
with E >14.3% a drift is detected
E.. not correlated Error of the channels
%PWM ... Corresponding ideal output PWM to a given input PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com