Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9347 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9347
Description  INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9347 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9347 Datasheet HTML 12Page - STMicroelectronics L9347 Datasheet HTML 13Page - STMicroelectronics L9347 Datasheet HTML 14Page - STMicroelectronics L9347 Datasheet HTML 15Page - STMicroelectronics L9347 Datasheet HTML 16Page - STMicroelectronics L9347 Datasheet HTML 17Page - STMicroelectronics L9347 Datasheet HTML 18Page - STMicroelectronics L9347 Datasheet HTML 19Page - STMicroelectronics L9347 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
L9347
16/21
Figure 10. Pulsed Open Load Conditions (regulated and non-regulated channels)
2.2 Regulated Channels (timing diagrams of diagnostic with 2kHz PWM input signal)
Figure 11. Normal Condition, Inductive Load
99AT0067
V
IN
V
Q
0.33 x V
S
V
ST
t
D
I
Q
t
lf
t
lf
99AT0068
V
IN
V
Q
I
Q
t
DREG
V
ST
500
µs
Target Current
256
µs
256
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com