Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA596DBVT Datasheet(PDF) 15 Page - Texas Instruments

Part # OPA596DBVT
Description  OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA596DBVT Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA596DBVT Datasheet HTML 11Page - Texas Instruments OPA596DBVT Datasheet HTML 12Page - Texas Instruments OPA596DBVT Datasheet HTML 13Page - Texas Instruments OPA596DBVT Datasheet HTML 14Page - Texas Instruments OPA596DBVT Datasheet HTML 15Page - Texas Instruments OPA596DBVT Datasheet HTML 16Page - Texas Instruments OPA596DBVT Datasheet HTML 17Page - Texas Instruments OPA596DBVT Datasheet HTML 18Page - Texas Instruments OPA596DBVT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
6 Detailed Description
6.1 Overview
The OPAx596 are low power (420μA), high-slew rate (100V/μs), 85V operational amplifiers (op amps). These
op amps uses a proprietary design technique to achieve a very high slew capability with minimal power
consumption. The OPAx596 is capable of driving ±30mA of output current and can swing to within 100mV
of either power supply rail.
The amplifiers feature state-of-the-art CMOS technology and advanced design features that help achieve
outstanding ac performance and enable small package options. The OPAx596 strengths also include 3.75MHz
bandwidth, 12.8nV/√Hz noise spectral density, and low input bias current. These features make the OPAx596 an
exceptional choice to gain or buffer the output of a digital-to-analog converter (DAC) in digitally programmable
power supplies.
6.2 Functional Block Diagram
–
+
–
+
Advanced
Slew Boost
IN+
OUT
OPAx596
NCH Input
Stage
PCH Input
Stage
Output
Stage
High
Capacitive Load
Compensation
IN–
V+
V
85V Differential
Mux-Friendly Input
www.ti.com
OPA596, OPA2596
SBOSA42C – JUNE 2024 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: OPA596 OPA2596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com