Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA596DBVT Datasheet(PDF) 18 Page - Texas Instruments

Part # OPA596DBVT
Description  OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA596DBVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA596DBVT Datasheet HTML 14Page - Texas Instruments OPA596DBVT Datasheet HTML 15Page - Texas Instruments OPA596DBVT Datasheet HTML 16Page - Texas Instruments OPA596DBVT Datasheet HTML 17Page - Texas Instruments OPA596DBVT Datasheet HTML 18Page - Texas Instruments OPA596DBVT Datasheet HTML 19Page - Texas Instruments OPA596DBVT Datasheet HTML 20Page - Texas Instruments OPA596DBVT Datasheet HTML 21Page - Texas Instruments OPA596DBVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
6.3.5 Full-Power Bandwidth Improved
The full-power bandwidth curve has been a staple in data sheets for decades. The full-power bandwidth of an op
amp provides some indication about where designers can expect slew-induced distortion on a signal of a given
amplitude and frequency. The full-power bandwidth curve is generated using Equation 2.
FPBW= SR
2πVOUT_MAX
(2)
Figure 6-3 shows the full-power bandwidth of the OPAx596. The curve is a good reference for designers
that need to achieve high-voltage, high-frequency output swings with little concern for distortion performance.
Unfortunately, the curve provides little indication of the true distortion at any given point on the curve. The
full-power bandwidth curve is, after all, only a theoretical value and slew-induced distortion appears gradually
as the output nears the maximum rate of change. Furthermore, slew-induced distortion is only one of several
sources of op-amp distortion. Therefore, the curve is a decent starting point, but not a reliable source for
distortion performance.
Figure 6-4 shows the full power bandwidth in terms of total harmonic distortion (THD) performance for the
OPAx596. This curve provides a better indication of the level of distortion that a designer can expect for a signal
of a given amplitude and frequency. For example, the OPAx596 can achieve approximately −100dB or better
of THD at 70VPP up to approximately 1kHz. As a second example, the OPAx596 can achieve approximately
−130dB or better of THD at 10VPP up to about 1kHz. As a result of limitations in measurement bandwidth, only
20kHz data are recorded.
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
110
1
10
100
1k
10k
100k
1M
10M
VS= 42.5V
VS= 4V
Figure 6-3. Full-Power Bandwidth
Figure 6-4. Full-Power Bandwidth Improved
6.4 Device Functional Modes
The OPAx596 has a single functional mode and is operational when the power-supply voltage is between 8V
(±4V) and 85V (±42.5V).
OPA596, OPA2596
SBOSA42C – JUNE 2024 – REVISED DECEMBER 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA596 OPA2596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com