Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9348 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9348
Description  QUAD LOW SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9348 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9348 Datasheet HTML 5Page - STMicroelectronics L9348 Datasheet HTML 6Page - STMicroelectronics L9348 Datasheet HTML 7Page - STMicroelectronics L9348 Datasheet HTML 8Page - STMicroelectronics L9348 Datasheet HTML 9Page - STMicroelectronics L9348 Datasheet HTML 10Page - STMicroelectronics L9348 Datasheet HTML 11Page - STMicroelectronics L9348 Datasheet HTML 12Page - STMicroelectronics L9348 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
L9348
Figure 9. Output Voltage Clamp Detection
3.0 PAD POSITIONS
Chip Size: 5.17 x 2.76 mm
2
Figure 10.
99AT0067
t
V
Q3/4
V
Z
t
V
ST3/4
note: parameters are not shown proportionally
t
V
IN3/4
t
D
time between two clamping periods is
shorter than internal delay time
-> status signal remains low
t
clamp
t
clamp
PGND4
Q4
D4
D3
Q2
Q1
Q3
PGND3
PGND1
PGND2
GND
VS
ST1
IN3
IN1
ST3
ENA
ST2
IN4
IN2
ST4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com