Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9348 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9348
Description  QUAD LOW SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9348 Datasheet(HTML) 4 Page - STMicroelectronics

  L9348 Datasheet HTML 1Page - STMicroelectronics L9348 Datasheet HTML 2Page - STMicroelectronics L9348 Datasheet HTML 3Page - STMicroelectronics L9348 Datasheet HTML 4Page - STMicroelectronics L9348 Datasheet HTML 5Page - STMicroelectronics L9348 Datasheet HTML 6Page - STMicroelectronics L9348 Datasheet HTML 7Page - STMicroelectronics L9348 Datasheet HTML 8Page - STMicroelectronics L9348 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
L9348
4/13
Table 5. Electrical Characteristcs
The electrical characteristics are valid within the operating range (Table 4), unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Power Supply
IS
Supply current
VIN1...IN4, ENA = H
8
mA
IQ
Quiescent current (outputs OFF)
VENA = L
6
mA
ID3/4
Quiescent current at pins D3/4
VD3/4 18V;
VIN3/4 = L
10
400
µA
Diagnostic Functions
VQU1 to 4 Output open load voltage
threshold
VS 6.5V
VEN = X; VIN = L
0.3
0.33
0.36
x VS
IQU1 to 4
Output open load current
threshold
VS 6.5V
VEN = H; VIN = H
50
140
mA
IQO1/2
Overload current threshold Q 1, 2
VS 6.5V
57.5
9
A
IQO3/4
Overload current threshold Q 3, 4
VS 6.5V
358
A
Tth
Overtemperature shutdown
threshold
2)
175
210
°C
Thy
Overtemperature hysteresis
10
°C
VthPGL
Power-GND-loss threshold
1.5
2.5
3.5
V
VthSGL
Signal-GND-loss threshold
150
330
510
mV
Power Outputs (Q1 to Q4)
RDSON1/2 Static drain-source ON-resistance
Q1, Q2
IQ = 1A; VS 9.5V
Tj = 25°C
0.2
Tj = 125°C
3)
0.5
Tj = 150°C
4)
0.5
RDSON3,4 Static drain-source ON-resistance
Q3, Q4
IQ = 1A; VS 9.5V
Tj = 25°C
0.35
Tj = 125°C
3)
0.75
Tj = 150°C
4)
0.75
VZ
Z-diode clamping voltage
= threshold of flyback detection
Q3/4
IQ 100mA,
pos. supply VD3/4
45
60
V
VC
Clamping voltage
IQ 100mA,
neg. supply VD3/4
410
V
IPD
Output pull down current
VENA = H, VIN = L
10
20
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com