Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP314 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2DP314
Description  1:4 Differential Clock/Data Fanout Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP314 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2DP314 Datasheet HTML 1Page - Cypress Semiconductor CY2DP314 Datasheet HTML 2Page - Cypress Semiconductor CY2DP314 Datasheet HTML 3Page - Cypress Semiconductor CY2DP314 Datasheet HTML 4Page - Cypress Semiconductor CY2DP314 Datasheet HTML 5Page - Cypress Semiconductor CY2DP314 Datasheet HTML 6Page - Cypress Semiconductor CY2DP314 Datasheet HTML 7Page - Cypress Semiconductor CY2DP314 Datasheet HTML 8Page - Cypress Semiconductor CY2DP314 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1:4 Differential Clock/Data Fanout Buffer
CY2DP314
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document #: 38-07550 Rev.*G
Revised August 22, 2005
Features
• Four ECL/PECL differential outputs
• One ECL/PECL differential or single-ended inputs
(CLKA)
• One HSTL differential or single-ended inputs (CLKB)
• Hot-swappable/-insertable
• 29 ps typical output-to-output skew
• 95 ps typical part-to-part skew
• 400 ps typical propagation delay
• 0.16 ps typical RMS phase jitter
• 7 ps typical peak period jitter
• 1.5-GHz operation (2.7-GHz maximum toggle
frequency)
• PECL and HSTL mode supply range: VCC = 2.5V± 5% to
3.3V±5% with VEE = 0V
• ECL mode supply range: VE E = –2.5V± 5% to –3.3V±5%
with VCC = 0V
• Industrial temperature range: –40°C to 85°C
• 20-pin SSOP package
• Temperature compensation like 100K ECL
Functional Description
The CY2DP314 is a low-skew, low propagation delay 2-to-4
differential fanout buffer targeted to meet the requirements of
high-performance clock and data distribution applications. The
device is implemented on SiGe technology and has a fully
differential internal architecture that is optimized to achieve
low signal skews at operating frequencies of up to 1.5 GHz (full
swing).
The device features two differential input paths that are multi-
plexed internally. This mux is controlled by the CLK_SEL pin.
The CY2DP314 may function not only as a differential clock
buffer but also as a signal-level translator and fanout on HSTL
or LVCMOS /LVTTL single-ended signal to four ECL/PECL
differential loads.
Since the CY2DP314 introduces negligible jitter to the timing
budget, it is the ideal choice for distributing high frequency,
high precision clocks across back-planes and boards in
communication systems. Furthermore, advanced circuit
design schemes, such as internal temperature compensation,
ensure that the CY2DP314 delivers consistent performance
over various platforms.
Block Diagram
Pin Configuration
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
20-pin SSOP
VCC
Q0
Q0#
Q1
Q1#
Q2
Q2#
Q3
Q3#
VCC
VCC
NC
VCC
CLK_SEL
CLKA
CLKA#
CLKB
CLKB#
VEE
VCC
Q0
Q0#
Q1
Q1#
Q2
Q2#
Q3
Q3#
VEE
VEE
VCC
CLKA
CLKA#
CLKB
CLKB#
CLK_SEL
VEE
VCC


Similar Part No. - CY2DP314

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314 Datasheet
213Kb / 9P
1 of 2:4 Differential Clock/Data Fanout Buffer
CY2DP314OI CYPRESS-CY2DP314OI Datasheet
213Kb / 9P
1 of 2:4 Differential Clock/Data Fanout Buffer
CY2DP314OIT CYPRESS-CY2DP314OIT Datasheet
213Kb / 9P
1 of 2:4 Differential Clock/Data Fanout Buffer
CY2DP314OXI CYPRESS-CY2DP314OXI Datasheet
213Kb / 9P
1 of 2:4 Differential Clock/Data Fanout Buffer
CY2DP314OXIT CYPRESS-CY2DP314OXIT Datasheet
213Kb / 9P
1 of 2:4 Differential Clock/Data Fanout Buffer
More results

Similar Description - CY2DP314

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314 Datasheet
213Kb / 9P
1 of 2:4 Differential Clock/Data Fanout Buffer
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
Dual 1:10 Differential Clock / Data Fanout Buffer
CY2PP3210 CYPRESS-CY2PP3210 Datasheet
275Kb / 9P
Dual 1:5 Differential Clock / Data Fanout Buffer
CY2DP3120 CYPRESS-CY2DP3120 Datasheet
193Kb / 9P
1:20 Differential Clock/Data Fanout Buffer
CY2DP3110 CYPRESS-CY2DP3110 Datasheet
279Kb / 9P
1 of 2:10 Differential Clock/Data Fanout Buffer
logo
Potato Semiconductor Co...
PO74HSTL314A POTATO-PO74HSTL314A Datasheet
587Kb / 7P
3.3V 2:4 Differential Clock/Data Fanout Buffer
PO74HSTL85331A POTATO-PO74HSTL85331A Datasheet
675Kb / 8P
3.3V 1:4 Crystal Oscillator/ Differential Clock or Data Fanout Buffer
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
1 to 2 Differential Clock/Data Fanout Buffer
PO74HSTL314A POTATO-PO74HSTL314A_14 Datasheet
1Mb / 7P
2.3V - 3.6V 2:4 Differential Clock/Data Fanout Buffer
PO74HSTL85331A POTATO-PO74HSTL85331A_14 Datasheet
1Mb / 7P
2.3V-3.6V 1:4 Crystal Oscillator/Differential Clock or Data Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com