Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP314 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2DP314
Description  1:4 Differential Clock/Data Fanout Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP314 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2DP314 Datasheet HTML 1Page - Cypress Semiconductor CY2DP314 Datasheet HTML 2Page - Cypress Semiconductor CY2DP314 Datasheet HTML 3Page - Cypress Semiconductor CY2DP314 Datasheet HTML 4Page - Cypress Semiconductor CY2DP314 Datasheet HTML 5Page - Cypress Semiconductor CY2DP314 Datasheet HTML 6Page - Cypress Semiconductor CY2DP314 Datasheet HTML 7Page - Cypress Semiconductor CY2DP314 Datasheet HTML 8Page - Cypress Semiconductor CY2DP314 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CY2DP314
Document #: 38-07550 Rev.*G
Page 2 of 10
Governing Agencies
The following agencies provide specifications that apply to the
CY2DP314. The agency name and relevant specification is
listed below in Table 2.
Pin Definitions
Pin
Name
I/O
Type
Description
1,10,11,20,3
VCC
+PWR
Power
Power supply, positive connection
2NC
No connect
4
CLK_SEL
I,PD
ECL/PECL
Input Clock Select
5
CLKA
I,PD[1]
ECL/PECL
Default differential clock input
6
CLKA#
I, PD/PU
ECL/PECL
Default differential clock input
7
CLKB
I,PD
HSTL
Alternate differential clock input
8
CLKB#
I, PD/PU
HSTL
Alternate differential clock input
9
VEE[2]
–PWR
Power
Power supply, negative connection
18,16,14,12
Q[0:3]#
O
ECL/PECL
Complement output
19,17,15,13
Q[0:3]
O
ECL/PECL
True output
Table 1.
Control
Operation
CLK_SEL
0
CLKA, CLKA# input pair is active (Default condition with no connection to pin)
CLKA can be driven with ECL- or PECL-compatible signals with respective power configurations
1
CLKB, CLKB# input pair is active.
CLKB can be driven with HSTL-compatible signals with respective power configurations
Table 2.
Agency Name
Specification
JEDEC
JESD 020B (MSL)
JESD 8-6 (HSTL)
JESD 51 (Theta JA)
JESD 8–2 (ECL)
JESD 65–B (skew,jitter)
Mil-Spec
883E Method 1012.1 (Thermal Theta JC)
Notes:
1. In the I/O column, the following notation is used: I for Input, O for Output, PD for Pull-Down, PU for Pull-Up, and PWR for Power.
2. In ECL mode (negative power supply mode), VEE is either –3.3V or –2.5V and VCC is connected to GND (0V). In PECL mode (positive power supply mode),
VEE is connected to GND (0V) and VCC is either +3.3V or +2.5V. In both modes, the input and output levels are referenced to the most positive supply (VCC)
and are between VCC and VEE.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com