Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6932D2.5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6932D2.5
Description  HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932D2.5 Datasheet(HTML) 2 Page - STMicroelectronics

  L6932D2.5 Datasheet HTML 1Page - STMicroelectronics L6932D2.5 Datasheet HTML 2Page - STMicroelectronics L6932D2.5 Datasheet HTML 3Page - STMicroelectronics L6932D2.5 Datasheet HTML 4Page - STMicroelectronics L6932D2.5 Datasheet HTML 5Page - STMicroelectronics L6932D2.5 Datasheet HTML 6Page - STMicroelectronics L6932D2.5 Datasheet HTML 7Page - STMicroelectronics L6932D2.5 Datasheet HTML 8Page - STMicroelectronics L6932D2.5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
L6932
2/11
PIN CONNECTIONS
PIN FUNCTION
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
(*) Measured on Demoboard with about 4 cm2 of dissipating area 2 Oz.
N°
L6232D
1.2
L6232D
1.5/1.8/
2.5
Description
1
EN
Enables the device if connected to Vin and disables the device if forced to gnd.
2
IN
Supply voltage. This pin is connected to the drain of the internal N-mos. Connect this
pin to a capacitor larger than 10
µF.
3
ADJ
–
Connecting this pin to a voltage divider it is possible to programme the output voltage
between 1.2V and 5V.
–
OUT
Regulated output voltage. This pin is connected to the source of the internal N-mos.
Connect this pin to a capacitor of 10
µF.
4
OUT
–
Regulated output voltage. This pin is connected to the source of the internal N-mos.
Connect this pin to a capacitor of 10
µF.
–
PGOOD
Power good output. The pin is open drain and detects the output voltage. It is forced
low if the output voltage is lower than 90% of the programmed voltage.
5, 6, 7, 8
GND
Ground pin.
Symbol
Parameter
Value
Unit
Vin
VIN and Pgood
14.5
V
EN, OUT and ADJ
-0.3 to (Vin +0.3)
V
Symbol
Parameter
Value
Unit
Rth J-amb
Thermal Resistance Junction to Ambient
62 (*)
°C/W
Tmax
Maximum Junction Temperature
150
°C
Tstg
Storage Temperature Range
-65 to 150
°C
EN
IN
ADJ
OUT
GND
GND
GND
GND
1
2
3
4
8
7
6
5
L6932D1.2
EN
IN
OUT
PGOOD
GND
GND
GND
GND
1
2
3
4
8
7
6
5
L6932D1.5
L6932D1.8
L6932D2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com