Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6932D2.5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6932D2.5
Description  HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932D2.5 Datasheet(HTML) 5 Page - STMicroelectronics

  L6932D2.5 Datasheet HTML 1Page - STMicroelectronics L6932D2.5 Datasheet HTML 2Page - STMicroelectronics L6932D2.5 Datasheet HTML 3Page - STMicroelectronics L6932D2.5 Datasheet HTML 4Page - STMicroelectronics L6932D2.5 Datasheet HTML 5Page - STMicroelectronics L6932D2.5 Datasheet HTML 6Page - STMicroelectronics L6932D2.5 Datasheet HTML 7Page - STMicroelectronics L6932D2.5 Datasheet HTML 8Page - STMicroelectronics L6932D2.5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
L6932
Figure 5. Shutdown Current vs. Junction TemperatureAPPLICATION INFORMATIONS
APPLICATION CIRCUIT
In figure 6 the schematic circuit of the demoboards are shown.
Figure 6. Demoboards Schematic Circuit
COMPONENT LIST
Fixed version
Reference
Part Number
Description
Manufacturer
C1
C34Y5U1E106Z
10uF, 25V
TOKIN
C2
C34Y5U1E106Z
10uF, 25V
TOKIN
4
4.5
5
5.5
6
6.5
7
7.5
-40
-20
0
20
40
60
80
100
120
140
Temp [°C ]
Ishdn
(uA)
Vin=5V
L6932D1.5
L6932D1.8
L6932D2.5
PGOOD
EN
GND
IN
V
IN
V
OUT
C1
C2
1
2
3
4
5
678
L6932D1.2
ADJ
EN
GND
IN
V
IN
V
OUT
1.2V to 5V
C1
C2
1
2
4
3
5
678
R2
R1
R2)
(R1
R2
1.2
VOUT
+
×
=
OUT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com