Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2611AMF Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2611AMF
Description  1.4MHz Cuk Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2611AMF Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2611AMF Datasheet HTML 1Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 2Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 3Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 4Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 5Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 6Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 7Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 8Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Connection Diagram
Top View
20018115
5-lead SOT-23 Package
NS Package Number MF05A
Ordering Information
Order Number
Package Type
NSC Package
Drawing
Supplied As
Package ID
LM2611AMF
SOT23-5
MF05A
1K Tape and Reel
S40A
LM2611AMFX
3K Tape and Reel
S40A
LM2611BMF
1K Tape and Reel
S40B
LM2611BMFX
3K Tape and Reel
S40B
Pin Description
Pin
Name
Function
1
SW
Drain of internal switch. Connect at the node of the input inductor and Cuk capacitor.
2
GND
Analog and power ground.
3
NFB
Negative feedback. Connect to output via external resistor divider to set output voltage.
4
SHDN
Shutdown control input. V
IN = Device on. Ground = Device in shutdown.
5V
IN
Analog and power input. Filter out high frequency noise with a 0.1 µF ceramic capacitor
placed close to the pin.
Block Diagram
20018101
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com