Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2611AMF Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2611AMF
Description  1.4MHz Cuk Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2611AMF Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2611AMF Datasheet HTML 4Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 5Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 6Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 7Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 8Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 9Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 10Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 11Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Operation (Continued)
(1)
(2)
The optimal position for this zero-pole pair will vary with
circuit parameters such as D, I
OUT,COUT, L1, L2, and CCUK.
For most cases, the value for the zero frequency is between
5 kHz to 20 kHz. Notice how the pole position,
ω
p, is depen-
dant on the feedback resistors R
FB1 and RFB2, and therefore
also dependant on the output voltage. As the output voltage
becomes closer to −1.26V, the pole moves towards the zero,
tending to cancel it out. If the absolute magnitude of the
output voltage is less than 3.3V, adding the zero-pole pair
will not have much effect on the response.
Hysteretic Mode
As the output current decreases, there will come a point
when the energy stored in the Cuk capacitor is more than the
energy required by the load. The excess energy is absorbed
by the output capacitor, causing the output voltage to in-
crease out of regulation. The LM2611 detects when this
happens and enters a pulse skipping, or hysteretic mode. In
hysteretic mode, the output voltage ripple will increase, as
illustrated in Figure 7 and Figure 8.
20018120
) LEVEL 3
FIGURE 5. 130mA to 400mA Transient Response
of the circuit in Figure 9 with C
FF= 1nF
20018122
) LEVEL 3
FIGURE 6. 130mA to 400mA Transient Response
of the circuit in Figure 9 with C
FF disconnected
20018121
FIGURE 7. The LM2611 in PWM mode has very low
ripple
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com