Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2621 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2621
Description  Low Input Voltage, Step-Up DC-DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2621 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2621 Datasheet HTML 1Page - National Semiconductor (TI) LM2621 Datasheet HTML 2Page - National Semiconductor (TI) LM2621 Datasheet HTML 3Page - National Semiconductor (TI) LM2621 Datasheet HTML 4Page - National Semiconductor (TI) LM2621 Datasheet HTML 5Page - National Semiconductor (TI) LM2621 Datasheet HTML 6Page - National Semiconductor (TI) LM2621 Datasheet HTML 7Page - National Semiconductor (TI) LM2621 Datasheet HTML 8Page - National Semiconductor (TI) LM2621 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Pin Description
Pin
Name
Function
1
PGND
Power Ground
2
EN
Active-Low Shutdown Input
3
FREQ
Frequency Adjust. An external resistor connected between this pin and Pin 6 (V
DD) sets the switching
frequency of the LM2621.
4
FB
Output Voltage Feedback
5
SGND
Signal Ground
6V
DD
Power Supply for Internal Circuitry
7
BOOT
Bootstrap Supply for the Gate Drive of Internal MOSFET Power Switch
8
SW
Drain of the Internal MOSFET Power Switch
Typical Performance Characteristics
Efficiency vs Load Current
V
OUT = 5.0V
Efficiency vs Load Current
V
OUT = 3.3V
10093401
10093402
V
FB vs Temperature
I
OP vs Temperature
10093403
10093404
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com