Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2621 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2621
Description  Low Input Voltage, Step-Up DC-DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2621 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2621 Datasheet HTML 2Page - National Semiconductor (TI) LM2621 Datasheet HTML 3Page - National Semiconductor (TI) LM2621 Datasheet HTML 4Page - National Semiconductor (TI) LM2621 Datasheet HTML 5Page - National Semiconductor (TI) LM2621 Datasheet HTML 6Page - National Semiconductor (TI) LM2621 Datasheet HTML 7Page - National Semiconductor (TI) LM2621 Datasheet HTML 8Page - National Semiconductor (TI) LM2621 Datasheet HTML 9Page - National Semiconductor (TI) LM2621 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Typical Performance Characteristics (Continued)
Maximum Load Current vs
Input Voltage
10093411
Detailed Description
OPERATING PRINCIPLE
The LM2621 is designed to provide step-up DC-DC voltage
regulation in battery-powered and low-input voltage sys-
tems. It combines a step-up switching regulator, N-channel
power MOSFET, built-in current limit, thermal limit, and volt-
age reference in a single 8-pin MSOP package . The switch-
ing DC-DC regulator boosts an input voltage between 1.2V
and 14V to a regulated output voltage between 1.24V and
14V. The LM2621 starts from a low 1.1V input and remains
operational down to 0.65V.
This device is optimized for use in cellular phones and other
applications requiring a small size, low profile, as well as low
quiescent current for maximum battery life during stand-by
and shutdown. A high-efficiency gated-oscillator topology
offers an output of up to 1A.
Additional features include a built-in peak switch current
limit, and thermal protection circuitry.
10093414
FIGURE 1. Functional Diagram
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com