Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78S05T Datasheet(PDF) 7 Page - STMicroelectronics

Part # L78S05T
Description  2A POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S05T Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L78S05T Datasheet HTML 3Page - STMicroelectronics L78S05T Datasheet HTML 4Page - STMicroelectronics L78S05T Datasheet HTML 5Page - STMicroelectronics L78S05T Datasheet HTML 6Page - STMicroelectronics L78S05T Datasheet HTML 7Page - STMicroelectronics L78S05T Datasheet HTML 8Page - STMicroelectronics L78S05T Datasheet HTML 9Page - STMicroelectronics L78S05T Datasheet HTML 10Page - STMicroelectronics L78S05T Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ELECTRICAL CHARACTERISTICS FOR L78S12 (refer to the test circuits, Tj =25
oC,
Vi = 19V, Io = 500 mA unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
11.5
12
12.5
V
Vo
Output Voltage
Io =1 A
Vi = 14.5 V
11.4
12
12.6
V
∆Vo
Line Regulation
Vi = 14.5 to 30 V
Vi = 16to 22V
240
120
mV
mV
∆Vo
Load Regulation
Io = 20 mA to 2 A
160
mV
Id
Quiescent Current
8mA
∆Id
Quiescent Current Change
Io = 20 mA to 1A
0.5
mA
∆Id
Quiescent Current Change
Io =20 mA Vi = 14.5 to 30 V
1
mA
∆Vo
∆T
Output Voltage Drift
Io = 5 mA
Tj = -55 to 150
oC
-1
mV/
oC
eN
Output Noise Voltage
B = 10Hz to 100KHz
75
µV
SVR
Supply Voltage Rejection
f = 120 Hz
53
dB
Vi
Operating Input Voltage
Io
≤ 1.5 A
15
V
Ro
Output Resistance
f = 1KHz
18
m
Ω
Isc
Short Circuit Current
Vi = 27 V
500
mA
Iscp
Short Circuit Peack Current
3
A
ELECTRICAL CHARACTERISTICS FOR L78S15 (refer to the test circuits, Tj =25
oC,
Vi = 23V, Io = 500 mA unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
14.4
15
15.6
V
Vo
Output Voltage
Io =1 A
Vi = 17.5 V
14.25
15
15.75
V
∆Vo
Line Regulation
Vi = 17.5 to 30 V
Vi = 20to 26V
300
150
mV
mV
∆Vo
Load Regulation
Io = 20 mA to 2 A
180
mV
Id
Quiescent Current
8mA
∆Id
Quiescent Current Change
Io = 20 mA to 1A
0.5
mA
∆Id
Quiescent Current Change
Io =20 mA Vi = 17.5 to 30 V
1
mA
∆Vo
∆T
Output Voltage Drift
Io = 5 mA
Tj = -55 to 150
oC
-1
mV/
oC
eN
Output Noise Voltage
B = 10Hz to 100KHz
90
µV
SVR
Supply Voltage Rejection
f = 120 Hz
52
dB
Vi
Operating Input Voltage
Io
≤ 1.5 A
18
V
Ro
Output Resistance
f = 1KHz
19
m
Ω
Isc
Short Circuit Current
Vi = 27 V
500
mA
Iscp
Short Circuit Peack Current
3
A
L78S00 SERIES
7/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com