Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78S05T Datasheet(PDF) 10 Page - STMicroelectronics

Part # L78S05T
Description  2A POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S05T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L78S05T Datasheet HTML 6Page - STMicroelectronics L78S05T Datasheet HTML 7Page - STMicroelectronics L78S05T Datasheet HTML 8Page - STMicroelectronics L78S05T Datasheet HTML 9Page - STMicroelectronics L78S05T Datasheet HTML 10Page - STMicroelectronics L78S05T Datasheet HTML 11Page - STMicroelectronics L78S05T Datasheet HTML 12Page - STMicroelectronics L78S05T Datasheet HTML 13Page - STMicroelectronics L78S05T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ELECTRICAL CHARACTERISTICS FOR L78S09C (refer to the test circuits, Tj =25
oC,
Vi = 14V, Io = 500 mA unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
8.65
9
9.35
V
Vo
Output Voltage
Io =1 A
Vi = 11 V
8.6
9
9.4
V
∆Vo
Line Regulation
Vi = 11to 25V
Vi = 11to 20V
130
65
mV
mV
∆Vo
Load Regulation
Io = 20 mA to 1.5 A
Io = 2 A
100
170
mV
Id
Quiescent Current
8mA
∆Id
Quiescent Current Change
Io = 20 mA to 1A
0.5
mA
∆Id
Quiescent Current Change
Io =20 mA Vi = 11 to 25 V
1.3
mA
∆Vo
∆T
Output Voltage Drift
Io = 5 mA
Tj = 0 to 70
oC
-1
mV/
oC
eN
Output Noise Voltage
B = 10Hz to 100KHz
60
µV
SVR
Supply Voltage Rejection
f = 120 Hz
47
dB
Vi
Operating Input Voltage
Io
≤ 1.5 A
12
V
Ro
Output Resistance
f = 1KHz
17
m
Ω
Isc
Short Circuit Current
Vi = 27 V
500
mA
Iscp
Short Circuit Peack Current
3
A
ELECTRICAL CHARACTERISTICS FOR L78S10C (refer to the test circuits, Tj =25
oC,
Vi = 15V, Io = 500 mA unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
9.5
10
10.5
V
Vo
Output Voltage
Io =1 A
Vi = 12.5 V
9.4
10
10.6
V
∆Vo
Line Regulation
Vi = 12.5 to 30 V
Vi = 14to 22V
200
100
mV
mV
∆Vo
Load Regulation
Io = 20 mA to 1.5 A
Io = 2 A
150
240
mV
Id
Quiescent Current
8mA
∆Id
Quiescent Current Change
Io = 20 mA to 1A
0.5
mA
∆Id
Quiescent Current Change
Io =20 mA Vi = 12.5 to 30 V
1
mA
∆Vo
∆T
Output Voltage Drift
Io = 5 mA
Tj = 0 to 70
oC
-1
mV/
oC
eN
Output Noise Voltage
B = 10Hz to 100KHz
65
µV
SVR
Supply Voltage Rejection
f = 120 Hz
47
dB
Vi
Operating Input Voltage
Io
≤ 1.5 A
13
V
Ro
Output Resistance
f = 1KHz
17
m
Ω
Isc
Short Circuit Current
Vi = 27 V
500
mA
Iscp
Short Circuit Peack Current
3
A
L78S00 SERIES
10/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com