Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3488MM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3488MM
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3488MM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3488MM Datasheet HTML 1Page - National Semiconductor (TI) LM3488MM Datasheet HTML 2Page - National Semiconductor (TI) LM3488MM Datasheet HTML 3Page - National Semiconductor (TI) LM3488MM Datasheet HTML 4Page - National Semiconductor (TI) LM3488MM Datasheet HTML 5Page - National Semiconductor (TI) LM3488MM Datasheet HTML 6Page - National Semiconductor (TI) LM3488MM Datasheet HTML 7Page - National Semiconductor (TI) LM3488MM Datasheet HTML 8Page - National Semiconductor (TI) LM3488MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM3488
High Efficiency Low-Side N-Channel Controller for
Switching Regulators
General Description
The LM3488 is a versatile Low-Side N-FET high perfor-
mance controller for switching regulators. It is suitable for
use in topologies requiring low side FET, such as boost,
flyback, SEPIC, etc. Moreover, the LM3488 can be operated
at extremely high switching frequency in order to reduce the
overall solution size. The switching frequency of LM3488 can
be adjusted to any value between 100kHz and 1MHz by
using a single external resistor or by synchronizing it to an
external clock. Current mode control provides superior band-
width and transient response, besides cycle-by-cycle current
limiting. Output current can be programmed with a single
external resistor.
The LM3488 has built in features such as thermal shutdown,
short-circuit protection and over voltage protection. Power
saving shutdown mode reduces the total supply current to
5µA and allows power supply sequencing. Internal soft-start
limits the inrush current at start-up.
Key Specifications
n
Wide supply voltage range of 2.97V to 40V
n
100kHz to 1MHz Adjustable and Synchronizable clock
frequency
n ±
1.5% (over temperature) internal reference
n
5µA shutdown current (over temperature)
Features
n
8-lead Mini-SO8 (MSOP-8) package
n
Internal push-pull driver with 1A peak current capability
n
Current limit and thermal shutdown
n
Frequency compensation optimized with a capacitor and
a resistor
n
Internal softstart
n
Current Mode Operation
n
Undervoltage Lockout with hysteresis
Applications
n
Distributed Power Systems
n
Notebook, PDA, Digital Camera, and other Portable
Applications
n
Offline Power Supplies
n
Set-Top Boxes
Typical Application Circuit
10138844
Typical SEPIC Converter
May 2005
© 2005 National Semiconductor Corporation
DS101388
www.national.com


Similar Part No. - LM3488MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3488MM NSC-LM3488MM Datasheet
626Kb / 24P
High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488MM NSC-LM3488MM Datasheet
503Kb / 24P
High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MM TI-LM3488MM Datasheet
1Mb / 33P
High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488MM TI-LM3488MM Datasheet
1Mb / 33P
High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488MM TI-LM3488MM Datasheet
1Mb / 37P
LM3488/-Q1 High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
More results

Similar Description - LM3488MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
High Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3488 NSC-LM3488 Datasheet
626Kb / 24P
High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3481 NSC-LM3481 Datasheet
445Kb / 22P
High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 NSC-LM3488_09 Datasheet
503Kb / 24P
High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3488MMX TI-LM3488MMX Datasheet
1Mb / 33P
High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488MM TI-LM3488MM Datasheet
1Mb / 33P
High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3481MM TI1-LM3481MM Datasheet
1Mb / 30P
LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 TI-LM3488_15 Datasheet
1Mb / 37P
LM3488/-Q1 High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
LM3488 TI1-LM3488 Datasheet
1Mb / 37P
High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com