Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3488MM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3488MM
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3488MM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3488MM Datasheet HTML 6Page - National Semiconductor (TI) LM3488MM Datasheet HTML 7Page - National Semiconductor (TI) LM3488MM Datasheet HTML 8Page - National Semiconductor (TI) LM3488MM Datasheet HTML 9Page - National Semiconductor (TI) LM3488MM Datasheet HTML 10Page - National Semiconductor (TI) LM3488MM Datasheet HTML 11Page - National Semiconductor (TI) LM3488MM Datasheet HTML 12Page - National Semiconductor (TI) LM3488MM Datasheet HTML 13Page - National Semiconductor (TI) LM3488MM Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Functional Block Diagram
10138806
Functional Description
The LM3488 uses a fixed frequency, Pulse Width Modulated
(PWM), current mode control architecture. In a typical appli-
cation circuit, the peak current through the external MOS-
FET is sensed through an external sense resistor. The volt-
age across this resistor is fed into the I
SEN pin. This voltage
is then level shifted and fed into the positive input of the
PWM comparator. The output voltage is also sensed through
an external feedback resistor divider network and fed into
the error amplifier negative input (feedback pin, FB). The
output of the error amplifier (COMP pin) is added to the slope
compensation ramp and fed into the negative input of the
PWM comparator.
At the start of any switching cycle, the oscillator sets the RS
latch using the SET/Blank-out and switch logic blocks. This
forces a high signal on the DR pin (gate of the external
MOSFET) and the external MOSFET turns on. When the
voltage on the positive input of the PWM comparator ex-
ceeds the negative input, the RS latch is reset and the
external MOSFET turns off.
The voltage sensed across the sense resistor generally
contains spurious noise spikes, as shown in Figure 1. These
spikes can force the PWM comparator to reset the RS latch
prematurely. To prevent these spikes from resetting the
latch, a blank-out circuit inside the IC prevents the PWM
comparator from resetting the latch for a short duration after
the latch is set. This duration is about 150ns and is called the
blank-out time.
Under extremely light load or no-load conditions, the energy
delivered to the output capacitor when the external MOSFET
is on during the blank-out time is more than what is delivered
to the load. An over-voltage comparator inside the LM3488
prevents the output voltage from rising under these condi-
tions. The over-voltage comparator senses the feedback (FB
pin) voltage and resets the RS latch under these conditions.
The latch remains in reset state till the output decays to the
nominal value.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com