Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9615 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9615
Description  CAN BUS TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9615 Datasheet(HTML) 1 Page - STMicroelectronics

  L9615 Datasheet HTML 1Page - STMicroelectronics L9615 Datasheet HTML 2Page - STMicroelectronics L9615 Datasheet HTML 3Page - STMicroelectronics L9615 Datasheet HTML 4Page - STMicroelectronics L9615 Datasheet HTML 5Page - STMicroelectronics L9615 Datasheet HTML 6Page - STMicroelectronics L9615 Datasheet HTML 7Page - STMicroelectronics L9615 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
L9615
CAN BUS TRANSCEIVER
L9615
MEETS
ISO/DIS
11898
UP
TO
500KBAUD
TRANSMITTER
- GENERATION OF DIFFERENTIAL OUTPUT
SIGNALS
- SHORT CIRCUIT PROTECTED FROM -5V
TO 36V, DETECTION & SHUTDOWN
- SLOPE CONTROL TO REDUCE RFI AND EMI
- TWO STATES ADJUSTABLE SLOPE
CONTROL (
≤500KBAUD/≤125KBAUD)
RECEIVER
- DIFFERENZIAL INPUT WITH HIGH
INTERFERENCE SUPPRESSION
- COMMON MODE INPUT VOLTAGE RANGE
(VCOM) FROM -2V TO VS+3V
PACKAGE: SO 8
DESCRIPTION
The L9615 is a bidirectional transceiver for signal
conditioning and processing in connection with a
CAN controller. Data rates of up to 500KBAUD
are supported using either shielded or non-
shielded pair of lines.
February 1998
≥1
&
RX0
TX0
RX1
VS
C_H
C_L
D96AT245
1
VS
+
-
td
1
&
1
1
+
-
M
M
M
GND
3
7
6
2
ASC
VREF
VCLmax
1
8
4
5
RECEIVER
PROTECTION
TRANSMITTER
BLOCK DIAGRAM
SO8
ORDERING NUMBER: L9615D
1/8


Similar Part No. - L9615

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9615 STMICROELECTRONICS-L9615 Datasheet
132Kb / 8P
CAN BUS TRANSCEIVER
Sep-2013
L9615D013TR STMICROELECTRONICS-L9615D013TR Datasheet
132Kb / 8P
CAN BUS TRANSCEIVER
Sep-2013
More results

Similar Description - L9615

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9616 STMICROELECTRONICS-L9616 Datasheet
112Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Nov-2000
L9616-TR STMICROELECTRONICS-L9616-TR Datasheet
101Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Sep-2013
L9615D013TR STMICROELECTRONICS-L9615D013TR Datasheet
132Kb / 8P
CAN BUS TRANSCEIVER
Sep-2013
logo
Infineon Technologies A...
TLE7251V INFINEON-TLE7251V_15 Datasheet
2Mb / 36P
High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2015-09-10
logo
Texas Instruments
SN65HVD1040-HT TI1-SN65HVD1040-HT Datasheet
454Kb / 26P
LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
logo
Infineon Technologies A...
TLE6251D INFINEON-TLE6251D_12 Datasheet
1Mb / 27P
High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2012-07-27
logo
Wall Industries,Inc.
RBCAN01 WALL-RBCAN01 Datasheet
425Kb / 5P
CAN Isolation Transceiver Module Industrial Bus
RBCAND21 WALL-RBCAND21 Datasheet
469Kb / 5P
CAN Isolation Transceiver Module Industrial Bus
RBCANH21 WALL-RBCANH21 Datasheet
469Kb / 5P
CAN Isolation Transceiver Module Industrial Bus
logo
Texas Instruments
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
EMC-Optimized High-Speed CAN Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com