Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9615 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9615
Description  CAN BUS TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9615 Datasheet(HTML) 6 Page - STMicroelectronics

  L9615 Datasheet HTML 1Page - STMicroelectronics L9615 Datasheet HTML 2Page - STMicroelectronics L9615 Datasheet HTML 3Page - STMicroelectronics L9615 Datasheet HTML 4Page - STMicroelectronics L9615 Datasheet HTML 5Page - STMicroelectronics L9615 Datasheet HTML 6Page - STMicroelectronics L9615 Datasheet HTML 7Page - STMicroelectronics L9615 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
50
Ω
30
Ω
30
Ω
50
Ω
4.7nF
µV
TEK495
Analyzer
equivalent terminating resistor
2 x 120
Ω parallel at line ends
4.7nF
+5V
TX0
GND
VS
C_H
C_L
D96AT250
EMC PERFORMANCE (TRANSMITTER)
0
40
80
120
160
f(KHz)
D96AT251
0
10
20
30
40
50
60
70
80
1
3.162
10
31.62
100
316.2
1000
3162
10000
ATTENUATION OF
TRANSMITTER
Transceiver Without Emc Reducing Measures
0
40
80
120
160
f(KHz)
D96AT252
0
10
20
30
40
50
60
70
80
1
3.162
10
31.62
100
316.2
1000
3162
10000
ATTENUATION OF
TRANSMITTER
Transceiver With Emc Reducing Measures
50
Ω
250KHz
30
Ω
30
Ω
50
Ω
4.7nF
µV
TEK495
Analyzer
equivalent terminating resistor
2 x 120
Ω parallel at line ends
+5V
TX0
GND
VS
C_H
C_L
D96AT253
5V
EMC PERFORMANCE (Transceiver Sending)
0
40
80
120
160
f(KHz)
D96AT254
0
10
20
30
40
50
60
70
80
1
3.162
10
31.62
100
316.2
1000
3162
10000
Transceiver Without Emc Reducing Measures
0
40
80
120
160
f(KHz)
D96AT255
0
10
20
30
40
50
60
70
80
1
3.162
10
31.62
100
316.2
1000
3162
10000
Transceiver With Emc Reducing Measures
L9615
6/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com