Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3551SD Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3551SD
Description  1A White LED Driver with Flash Timeout Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3551SD Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM3551SD Datasheet HTML 3Page - National Semiconductor (TI) LM3551SD Datasheet HTML 4Page - National Semiconductor (TI) LM3551SD Datasheet HTML 5Page - National Semiconductor (TI) LM3551SD Datasheet HTML 6Page - National Semiconductor (TI) LM3551SD Datasheet HTML 7Page - National Semiconductor (TI) LM3551SD Datasheet HTML 8Page - National Semiconductor (TI) LM3551SD Datasheet HTML 9Page - National Semiconductor (TI) LM3551SD Datasheet HTML 10Page - National Semiconductor (TI) LM3551SD Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Typical Performance Characteristics Unless otherwise specified: T
A = +25˚C; VIN = 3.6V; L = 4.7µH,
(RC = 10k
Ω,C
C = 4.7nF, CIN =COUT = 10µF for Lumiled LED), (RC = 27k
Ω,C
C = 10nF, CIN = 10µF, COUT = 4.7µF for Sharp
LED), C
FTO = 1µF, CSS= 0.1µF.
(Continued)
OVP Trip Voltage vs. Input Voltage
Switching Frequency vs. Input Voltage
20151217
20151221
Start-Up Waveform
Sharp LED
Start-Up Waveform
Lumiled LED
20151232
Ch1=V
SD,Ch3=ILED,Ch4=IIN
20151235
Ch1=V
SD,Ch3=ILED,Ch4=IIN
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com