Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3551SD Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3551SD
Description  1A White LED Driver with Flash Timeout Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3551SD Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3551SD Datasheet HTML 7Page - National Semiconductor (TI) LM3551SD Datasheet HTML 8Page - National Semiconductor (TI) LM3551SD Datasheet HTML 9Page - National Semiconductor (TI) LM3551SD Datasheet HTML 10Page - National Semiconductor (TI) LM3551SD Datasheet HTML 11Page - National Semiconductor (TI) LM3551SD Datasheet HTML 12Page - National Semiconductor (TI) LM3551SD Datasheet HTML 13Page - National Semiconductor (TI) LM3551SD Datasheet HTML 14Page - National Semiconductor (TI) LM3551SD Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Application Examples (Continued)
within a system. By setting the T/F pin high, the LM3551/2
will allow the current to flow through the flash LED while still
maintaining the fixed output voltage rail. The flash current is
set by R
F using the equation RF = [(VOUT -VLED)/ILED]-
0.36
Ω , and should not exceed 500mA. The total usable
output current is dependent upon the output voltage se-
lected. If the dual-mode configuration is used, the FTO pin
should be grounded to prevent the voltage rail from being
shutdown at an unwanted time.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com