Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3670 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3670
Description  Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3670 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3670 Datasheet HTML 1Page - National Semiconductor (TI) LM3670 Datasheet HTML 2Page - National Semiconductor (TI) LM3670 Datasheet HTML 3Page - National Semiconductor (TI) LM3670 Datasheet HTML 4Page - National Semiconductor (TI) LM3670 Datasheet HTML 5Page - National Semiconductor (TI) LM3670 Datasheet HTML 6Page - National Semiconductor (TI) LM3670 Datasheet HTML 7Page - National Semiconductor (TI) LM3670 Datasheet HTML 8Page - National Semiconductor (TI) LM3670 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Typical Application (Continued)
Connection Diagram and Package Mark Information
Pin Descriptions
Pin #
Name
Description
1V
IN
Power supply input. Connect to the input filter capacitor (Figure 1).
2
GND
Ground pin.
3
EN
Enable input.
4
FB
Feedback analog input. Connect to the output filter capacitor (Figure 1).
5
SW
Switching node connection to the internal PFET switch and NFET synchronous
rectifier. Connect to an inductor with a saturation current rating that exceeds the
750 mA max. Switch Peak Current Limit specification.
20075830
FIGURE 2. Adjustable Output Voltage - Typical Application Circuit
SOT23-5 Package
NS Package Number MF05A
20075802
Note: The actual physical placement of the package marking will vary from part to part.
FIGURE 3. Top View
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com