Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3670 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3670
Description  Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3670 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3670 Datasheet HTML 7Page - National Semiconductor (TI) LM3670 Datasheet HTML 8Page - National Semiconductor (TI) LM3670 Datasheet HTML 9Page - National Semiconductor (TI) LM3670 Datasheet HTML 10Page - National Semiconductor (TI) LM3670 Datasheet HTML 11Page - National Semiconductor (TI) LM3670 Datasheet HTML 12Page - National Semiconductor (TI) LM3670 Datasheet HTML 13Page - National Semiconductor (TI) LM3670 Datasheet HTML 14Page - National Semiconductor (TI) LM3670 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Operation Description (Continued)
The part automatically transition into PFM mode when either
of two conditions occurs for a duration of 32 or more clock
cycles:
A. The inductor current becomes discontinuous
B. The peak PMOS switch current drops below the I
MODE
level:
During PFM operation, the converter positions the output
voltage slightly higher than the nominal output voltage in
PWM operation, allowing additional headroom for voltage
drop during a load transient from light to heavy load. The
PFM comparator senses the output voltage via the feedback
pin and control the switching of the output FETs such that the
output voltage ramps between 0.8% and 1.6% (typ) above
the nominal PWM output voltage. If the output voltage is
below the ‘high’ PFM comparator threshold, the PMOS
power switch is turned on. It remains on until the output
voltage exceeds the ‘high’ PFM threshold or the peak current
exceeds the I
PFM level set for PFM mode. The peak current
in PFM mode is:
Once the PMOS power switch is turned off, the NMOS
power switch is turned on until the inductor current ramps to
zero. When the NMOS zero-current condition is detected,
the NMOS power switch is turned off. If the output voltage is
below the ‘high’ PFM comparator threshold (see Figure 5),
the PMOS switch is again turned on and the cycle is re-
peated until the output reaches the desired level. Once the
output reaches the ‘high’ PFM threshold, the NMOS switch is
turned on briefly to ramp the inductor current to zero and
then both output switches are turned off and the part enters
an extremely low power mode. Quiescent supply current
during this ‘sleep’ mode is less than 30 µA, which allows the
part to achieve high efficiencies under extremely light load
conditions. When the output drops below the ‘low’ PFM
threshold, the cycle repeats to restore the output voltage to
∼1.6% above the nominal PWM output voltage.
If the load current should increase during PFM mode (see
Figure 5) causing the output voltage to fall below the ‘low2’
PFM threshold, the part automatically transitions into fixed-
frequency PWM mode.
Soft-Start
The LM3670 has a soft-start circuit that limits in-rush current
during start-up. Typical start-up times with a 10µF output
capacitor and 350mA load is 400µs:
Inrush Current (mA)
Duration (µSec)
032
70
224
140
256
Inrush Current (mA)
Duration (µSec)
280
256
620
until soft start ends
Note 6: The first 32µS are to allow the bias currents to stabilize
20075803
FIGURE 5. Operation in PFM Mode and Transition to PWM Mode
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com