Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9613 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9613
Description  DATA INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9613 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9613 Datasheet HTML 2Page - STMicroelectronics L9613 Datasheet HTML 3Page - STMicroelectronics L9613 Datasheet HTML 4Page - STMicroelectronics L9613 Datasheet HTML 5Page - STMicroelectronics L9613 Datasheet HTML 6Page - STMicroelectronics L9613 Datasheet HTML 7Page - STMicroelectronics L9613 Datasheet HTML 8Page - STMicroelectronics L9613 Datasheet HTML 9Page - STMicroelectronics L9613 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ISSB
100
µA
50
µA
12V
16V
VS
Figure 5. Standby current consumption.
40 V
R
KO
uP
I/O
I/O
I/O
5V
VCC
VDD
ECU1
ECU2
K
L
LI
K
VS
TX
RX
LO
GND
LI
VS
VCC
K
510
Ω
Diagnostic
Tester
CK
0.4
Ω
CK
1,75V
RTX
RLO
RRX
ILI
IK
OFF
IKSC
TjMON
-
+
-
+
Figure 6. Application Circuit.
L9613B
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com