Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9613 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9613
Description  DATA INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9613 Datasheet(HTML) 1 Page - STMicroelectronics

  L9613 Datasheet HTML 1Page - STMicroelectronics L9613 Datasheet HTML 2Page - STMicroelectronics L9613 Datasheet HTML 3Page - STMicroelectronics L9613 Datasheet HTML 4Page - STMicroelectronics L9613 Datasheet HTML 5Page - STMicroelectronics L9613 Datasheet HTML 6Page - STMicroelectronics L9613 Datasheet HTML 7Page - STMicroelectronics L9613 Datasheet HTML 8Page - STMicroelectronics L9613 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
OPERATING POWER SUPPLY VOLTAGE
RANGE 4.8V
≤ VS ≤ 36V (40V FOR TRAN-
SIENTS)
REVERSE
SUPPLY
(BATTERY)
PRO-
TECTED DOWN TO VS
≥ -24V
STANDBY MODE WITH VERY LOW CURRENT
CONSUMPTION ISSB
≤ 1µA@ VCC ≤ 0.5V
MIN POSSIBLE BAUD RATE ACCORDING
TO ISO9141
≥ 130KBAUD
TTL COMPATIBLE TX INPUT
BIDIRECTIONAL K-I/O PIN WITH SUPPLY
VOLTAGE DEPENDENT INPUT THRESHOLD
OVERTEMPERATURE SHUT DOWN FUNC-
TION SELECTIVE TO K-I/O PIN
WIDE
INPUT
AND
OUTPUT
VOLTAGE
RANGE -24V
≤ VK ≤ VS
K OUTPUTCURRENT LIMITATION,TYPIK= 60mA
DEFINED OFF OUTPUT STATUS IN UNDER-
VOLTAGE CONDITION AND VS OR GND IN-
TERRUPTION
CONTROLLED OUTPUT SLOPE FOR LOW EMI
HIGH INPUT IMPEDANCE FOR OPEN VS
OR GND CONNECTION
DEFINED OUTPUT ON STATUS OF LO OR
RX FOR OPEN LI OR K INPUTS
DEFINED K OUTPUT OFF FOR TX INPUT
OPEN
INTEGRATED PULL UP RESISTORS FOR
TX, RX AND LO
EMI ROBUSTNESS OPTIMIZED
DESCRIPTION
The L9613B is a monolithic integrated circuit con-
taining medium speed data interface functions.
November 1999
®
TX
RX
LO
GND
LI
VS
VCC
K
1,75V
RTX
RLO
RRX
ILI
IK
OFF
IK SC
TjMON
-
+
-
+
BLOCK DIAGRAM
SO8
ORDERING NUMBERS: L9613B013TR (TAPE&REEL)
L9613B (TUBES)
L9613B
DATA INTERFACE
1/10


Similar Part No. - L9613

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9613 STMICROELECTRONICS-L9613 Datasheet
218Kb / 15P
Data interface
19-Sep-2013
L9613B STMICROELECTRONICS-L9613B Datasheet
218Kb / 15P
Data interface
19-Sep-2013
L9613B013TR STMICROELECTRONICS-L9613B013TR Datasheet
218Kb / 15P
Data interface
19-Sep-2013
L9613 STMICROELECTRONICS-L9613_V01 Datasheet
218Kb / 15P
Data interface
19-Sep-2013
More results

Similar Description - L9613

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89255A FUJITSU-MB89255A Datasheet
113Kb / 1P
PARALLEL DATA I/O INTERFACE
logo
Motorola, Inc
MC145428 MOTOROLA-MC145428 Datasheet
44Kb / 1P
DATA SET INTERFACE
logo
Texas Instruments
TLC34075A TI1-TLC34075A Datasheet
321Kb / 53P
Video Interface Palette Data Manual
logo
GSI Technology
GS8662Q10BGD-357I GSI-GS8662Q10BGD-357I Datasheet
502Kb / 28P
Dual Double Data Rate interface
GS8662DT20BGD-500I GSI-GS8662DT20BGD-500I Datasheet
556Kb / 33P
Dual Double Data Rate interface
GS81302D38GE-350 GSI-GS81302D38GE-350 Datasheet
515Kb / 31P
Dual Double Data Rate interface
GS81302DT07GE-400 GSI-GS81302DT07GE-400 Datasheet
513Kb / 30P
Dual Double Data Rate interface
GS8662D06BD-400I GSI-GS8662D06BD-400I Datasheet
556Kb / 33P
Dual Double Data Rate interface
logo
WAGO Kontakttechnik Gmb...
750-654 WAGO-750-654 Datasheet
476Kb / 12P
Serial Data Exchange Interface
logo
Pepperl+Fuchs Inc.
VAA-4E4A-KE2-DK PF-VAA-4E4A-KE2-DK Datasheet
266Kb / 2P
AS-Interface data coupler
2020-02-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com