Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # PCB
Description  Miniature PCB Relay PE bistable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCB Datasheet(HTML) 1 Page - TE Connectivity Ltd

  PCB Datasheet HTML 1Page - TE Connectivity Ltd PCB Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
09-2019, Rev. 0919
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Miniature PCB Relay PE bistable
n
Polarized bistable version
n
1 pole 5 A, 1 form C (CO) or 6A, 1 form A (NO) contact
n
Sensitive version with 200mW coil
n
Ambient temperature 70°C
n
Low height 10.0mm
n
Plastic materials according to IEC 60335-1 (domestic appliances)
Typical applications
Room thermostats, electricity meters, home automation, white goods,
battery powered controls.
Approvals
VDE Cert. No. 40011901 (for AgNi90/10 contacts only), UL E214025
Technical data of approved types on request.
Contact Data
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
5A (CO - types)
6A (NO - AgNi - types)
Breaking capacity max.
1250VA (CO - types)
1500VA (NO AgNi - types)
Contact material
AgNi 90/10, AgSnO
2
AgNi 90/10 HTV (gold plated)
Frequency of operation, with/without load
360/72000 ops/h
Set/reset time
typ. 8/8ms
Bounce time, form A/form B
4/7ms
Contact ratings
Type
Contact Load
Cycles
IEC 61810
PE014
C (CO)
5A, 250VAC, cos
φ=1, 85°C
100x103
PE014
A (NO)
5A, 30VDC, 0 ms, 85°C
100x103
PE034
NO
6A, 250VAC cos
φ=1, 70°C
20x103
UL 508
PE013
C (CO)
5A, 240VAC, resistive, 85°C
30x103
PE014
NO (of CO) B300
6.000
PE514
NO (of CO) R300
6.000
PE514
C (CO)
5A, 250VAC, general purpose, 85°C
6.000
PE033
N (NO)
5A, 240VAC, resistive, 85°C
50x103
PE014
C/A/B
5A, 250VAC, resistive, 85°C
100x103
PE034
A (NO)
6A, 250VAC, resistive, 70°C
100x103
Mechanical endurance
>5x106 operations.
Coil Data
Magnetic system
bistable, polarized
Coil voltage range
2.2 to 48VDC
Operative range, IEC 61810
2
Reset voltage max., % of rated coil voltage
120% at -40°C
Min./Max. energization duration
20ms1)/1min at <10% duty factor
1) Information on reduced pulse duration with higher energization voltages on demand.
Coil versions, bistable 1 coil
Coil
Rated
Set
Reset
Coil
Rated coil
code2)
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
F02
H02
2.2
1.65
1.65
22
220
F03
H03
3
2.25
2.25
41
220
F05
H05
5
3.75
3.75
125
200
F06
H06
6
4.5
4.5
180
200
F12
H12
12
9.0
9.0
650
222
F24
H24
24
18.0
18.0
2750
209
2)
Coil codes F.. and H..have opposite polarity; refer to coil operation table.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Coils - operation
Version
F..
H..
Coil terminals
A1
A2
A1
A2
Operate
+
-
-
+
Reset
-
+
+
-
Contact position not defined at delivery
Z


Similar Part No. - PCB

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PCB TEC-PCB Datasheet
332Kb / 3P
Vertical and horizontal version
PCB TEC-PCB Datasheet
192Kb / 2P
Power PCB Relay RPII/2 1.5 mm Contact Gap
Rev. 0718
logo
Tyco Electronics
PCB MACOM-PCB Datasheet
699Kb / 3P
Miniature PCB Relay PCH
09-2010, Rev. 0910
logo
Anderson Power Products...
PCB APP-PCB Datasheet
235Kb / 2P
45 amp High Power PCB
logo
TE Connectivity Ltd
PCB TEC-PCB Datasheet
1Mb / 2P
PCFN SOLAR High Performance Power PCB Relay
05/2014
More results

Similar Description - PCB

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ8P ZETTLER-AZ8P Datasheet
52Kb / 2P
10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
logo
Tyco Electronics
PE014005 MACOM-PE014005_05 Datasheet
152Kb / 2P
Miniature PCB Relay PE
PE014F02 MACOM-PE014F02 Datasheet
154Kb / 2P
Miniature PCB Relay PE bistable
RT314A12 MACOM-RT314A12 Datasheet
213Kb / 3P
Power PCB Relay RT1 bistable
RT424A12 MACOM-RT424A12 Datasheet
222Kb / 3P
Power PCB Relay RT2 bistable
2-1415390-1 MACOM-2-1415390-1 Datasheet
405Kb / 2P
Miniature PCB Relay PE bistable
2-1415391-1 MACOM-2-1415391-1 Datasheet
405Kb / 2P
Miniature PCB Relay PE bistable
4-1415535-9 MACOM-4-1415535-9 Datasheet
221Kb / 2P
Miniature PCB Relay PE
RT314F05 MACOM-RT314F05 Datasheet
447Kb / 3P
Power PCB Relay RT1 bistable
logo
TE Connectivity Ltd
PE514F03 TEC-PE514F03 Datasheet
261Kb / 2P
Miniature PCB Relay PE bistable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com