Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9637D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9637D
Description  ISO 9141 INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9637D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9637D Datasheet HTML 3Page - STMicroelectronics L9637D Datasheet HTML 4Page - STMicroelectronics L9637D Datasheet HTML 5Page - STMicroelectronics L9637D Datasheet HTML 6Page - STMicroelectronics L9637D Datasheet HTML 7Page - STMicroelectronics L9637D Datasheet HTML 8Page - STMicroelectronics L9637D Datasheet HTML 9Page - STMicroelectronics L9637D Datasheet HTML 10Page - STMicroelectronics L9637D Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
I
MIN
OUT
V OU T
0.8V
pr ot e c t i o n di ode
I OU T
I OUT
D S O N
R
*
V OUT =
+U BE
I OUT
D S O N
R
2
**
V OUT =
Figure 4: Output Characteristics at K, LO, RX.
t
+U
BE
I
OU T
D S O N
R
2
**
I
OU T
D S O N
R
*
t
I
MIN
OU T
I OU T >
I
MIN
OU T
I
OU T
>
I
MIN
OU T
I
OU T
<
IN
V
OU T
V
Figure 5: Output Signal Shape Related to Output Current.
L9637
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com