Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9637D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9637D
Description  ISO 9141 INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9637D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9637D Datasheet HTML 3Page - STMicroelectronics L9637D Datasheet HTML 4Page - STMicroelectronics L9637D Datasheet HTML 5Page - STMicroelectronics L9637D Datasheet HTML 6Page - STMicroelectronics L9637D Datasheet HTML 7Page - STMicroelectronics L9637D Datasheet HTML 8Page - STMicroelectronics L9637D Datasheet HTML 9Page - STMicroelectronics L9637D Datasheet HTML 10Page - STMicroelectronics L9637D Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
V S = 12V
50 Ohm
10k H z
510 Ohm
136 Ohm
68 Ohm
1. 5n F
=
4 0dB
P
im a x
=5 W
R hode & S c hw art z
SM G
0 .1 - 1000M H z
NA P
P robe
NA P - 7 3
RX
VS
K
IS O i n te rf a c e
VS
TX
K
IS O i n te rf a c e
D£
10 %
Signal comparison
D
P
i
Figure 6: EMS Performance (ISO 9141 BUS system).
∆≤± 10%
1 0000
50 00
10 00
10 0
1
1 0
1 00
100 0
f (M H z )
no t i n c id e n t p ow er re si s tant
in c ide nt po w e r r e s is t a n t
P
i(m W )
Figure 7.
L9637
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com