Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

325611 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 325611
Description  AMPOWER TERMINALS AND SPLICES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

325611 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  325611 Datasheet HTML 1Page - TE Connectivity Ltd 325611 Datasheet HTML 2Page - TE Connectivity Ltd 325611 Datasheet HTML 3Page - TE Connectivity Ltd 325611 Datasheet HTML 4Page - TE Connectivity Ltd 325611 Datasheet HTML 5Page - TE Connectivity Ltd 325611 Datasheet HTML 6Page - TE Connectivity Ltd 325611 Datasheet HTML 7Page - TE Connectivity Ltd 325611 Datasheet HTML 8Page - TE Connectivity Ltd 325611 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Contents
Product Facts ................................................................................. 2
Table Listings: mm2 to AWG......................................................4
Features ............................................................................................ 5
Terminals .................................................................................... 6-10
Splices ........................................................................................10-12
Special Terminals..........................................................................13
Tooling........................................................................................14-15
Part Number Index ......................................................................16
CRIMP METHOD
Our compression crimping method of terminating electrical
wire is an exact science. The application technique is totally
mechanical and therefore completely controllable. For this reason
it is also uniform from first to last crimp. Variables common to
other methods such as melting temperature, flux composition,
entrapped gases, heat deformation of conductors, oxidation
and the like are eliminated. The termination resulting from this
method offers excellent tensile strength and high conductivity.
AMPOWER terminals and splices are made of high quality
seamless tubular copper for excellent conductivity. Our special
tin plating process inhibits corrosion, and provides trouble- free
service. A special die stamping process converts the copper tube
into a double thickness rectangular tongue with a short strong
transfer section. These factors combine with the formulated
AMPOWER terminal crimp to produce excellent conductivity
and excellent strength.
*Use as an aid for the selection
of proper terminal size
SPECIFIED PACKAGING
STUD SIZE DIMENSIONS*
Wire Size
No. of Terminals
Per Package
6 and 4 AWG
100
2 AWG and 1/0
thru 4/0 AWG
50
250-1500 MCM
25
Stud Size
Stud Dia.
Stud Hole Dia.
10
0.190
4.83
0.197
5.00
1/4
M6
0.250
6.35
0.265
6.75
5/6
M8
0.312
7.92
0.328
8.33
3/8
0.375
9.53
0.390
9.91
7/16
0.437
11.1
0.453
11.51
1/2
M12
0.500
12.7
0.515
13.08
5/8
M16
0.625
15.88
0.656
16.66
3/4
0.750
19.05
0.781
19.84
7/8
M22
0.875
22.23
0.906
23.01
1
1.000
25.4
1.031
26.19
1 1/8
1.125
28.58
1.156
29.36
1 1/4
1.250
31.75
1.281
32.54
inches / (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com