Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

325611 Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # 325611
Description  AMPOWER TERMINALS AND SPLICES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

325611 Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button 325611 Datasheet HTML 4Page - TE Connectivity Ltd 325611 Datasheet HTML 5Page - TE Connectivity Ltd 325611 Datasheet HTML 6Page - TE Connectivity Ltd 325611 Datasheet HTML 7Page - TE Connectivity Ltd 325611 Datasheet HTML 8Page - TE Connectivity Ltd 325611 Datasheet HTML 9Page - TE Connectivity Ltd 325611 Datasheet HTML 10Page - TE Connectivity Ltd 325611 Datasheet HTML 11Page - TE Connectivity Ltd 325611 Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AMPOWER /// PRODUCT CATALOG
AMPOWER Terminals and Splices
Terminals (continued)
Wire
Size
Wire
Range
Barrel
I.D.
Min.
Tongue
Thickness
Max.
Style
Stud
Size
Dimensions
Part
Number
L Max. H Max. C Min.
K
F Min. W Max.
250 MCM
127mm2
231-275
MCM
0.690
17.53
0.15
3.81
B
5/16
M8
2.58
65.53
0.63
16.00
0.62
15.75
-
-
1.28
32.51
325702
B
3/8
-
2.58
65.53
0.63
16.00
0.62
15.75
-
-
1.28
32.51
325703
B
1/2
M12
2.58
65.53
0.63
16.00
0.62
15.75
-
-
1.28
32.51
325705
B
5/8
-
2.70
68.57
0.63
16.00
0.75
19.05
-
-
1.28
32.51
325707
A
-
2.89
73.41
-
-
-
1.54
39.12
1.28
32.51
325708
A
-
4.84
122.94
-
-
-
3.49
88.65
1.28
32.51
325712
A
-
4.84
122.94
-
-
-
3.49
88.65
1.28
32.51
1-325712-3*
G
-
5.63
143.
-
-
-
3.54
89.92
1.28
32.51
325719
C
3/8
-
3.59
91.19
0.63
16.00
0.62
15.75
1.00
25.40
-
1.28
32.51
326804
C
1/2
M12
4.34
110.24
0.63
16.00
0.62
15.75
1.75
44.45
-
1.28
32.51
327285
300 MCM
152mm2
275-325
MCM
0.758
19.25
0.16
4.06
C
5/16
M8
3.58
90.93
0.63
16.00
0.62
15.75
.875
22.23
-
1.38
35.05
276917-1
B
5/16
M8
2.69
68.33
0.63
16.00
0.62
15.75
-
-
1.40
32.56
325802
B
3/8
-
2.69
68.33
0.63
16.00
0.62
15.75
-
-
1.40
32.56
325803
B
3/8
-
2.69
68.33
0.63
16.00
0.62
15.75
-
-
1.40
32.56
325803-1**
B
1/2
M12
2.69
68.33
0.63
16.00
0.62
15.75
-
-
1.40
32.56
325805
B
1/2
M12
2.69
68.33
0.63
16.00
0.62
15.75
-
-
1.40
32.56
325805-1
**
A
-
2.82
71.63
-
-
-
1.37
34.80
1.40
32.56
2-325806-2
*
B
5/8
-
2.82
71.63
0.63
16.00
0.75
19.05
-
-
1.40
32.56
325807
C
3/8
-
3.70
93.98
0.63
16.00
0.62
15.75
1.00
25.40
-
1.40
32.56
326805
C
3/8
-
3.70
93.98
0.63
16.00
0.62
15.75
1.00
25.40
-
1.40
32.56
326805-1**
C
1/2
M12
4.43
112.52
0.63
16.00
0.62
15.75
1.75
44.45
-
1.40
32.56
327286
B
3/8
-
2.42
61.47
0.41
10.41
0.62
15.75
-
-
1.40
32.56
325814
C
3/8
-
4.51
114.55
0.63
16.00
0.62
15.75
1.00
25.4
-
1.40
32.56
55993-1
A
-
5.15
130.81
-
-
-
3.70
93.98
1.40
32.56
325816
G
-
6.01
152.65
-
-
-
3.70
93.98
1.40
32.56
325821
I
1/2
M12
5.25
133.35
0.62
15.49
0.62
15.75
1.75
44.45
-
1.40
32.56
53684-2
BASE
MATERIAL:
Annealed Copper
(ASTM B-188)
Electrodeposited
Tin Plate
(MIL-T-10727)
**Cleaned but not plated.
**No sight hole.
1
Per NEMA specification.
F
W
A
G
D
H
B
C
C
E
H
H
K
F
I
C
W
W
W
W
W
L
F
L
L
L
L
L
H
C
H
K
C
F
W
H
C
H
K
C
W
W
L
L
L
Dimensions displayed in
inches / mm unless otherwise specified and are shown for reference purposes only.
Specifications subject to change.
inches / (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com