Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP65H015G5WS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # TP65H015G5WS
Description  650V SuperGaN® FET in TO-247-3 (source tab)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TP65H015G5WS Datasheet(HTML) 3 Page - Renesas Technology Corp

  TP65H015G5WS_V01 Datasheet HTML 1Page - Renesas Technology Corp TP65H015G5WS_V01 Datasheet HTML 2Page - Renesas Technology Corp TP65H015G5WS_V01 Datasheet HTML 3Page - Renesas Technology Corp TP65H015G5WS_V01 Datasheet HTML 4Page - Renesas Technology Corp TP65H015G5WS_V01 Datasheet HTML 5Page - Renesas Technology Corp TP65H015G5WS_V01 Datasheet HTML 6Page - Renesas Technology Corp TP65H015G5WS_V01 Datasheet HTML 7Page - Renesas Technology Corp TP65H015G5WS_V01 Datasheet HTML 8Page - Renesas Technology Corp TP65H015G5WS_V01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TP65H015G5WS Datasheet
R07DS1669EU0400 Rev.4.00
Nov 25, 2025
Page 3
1. Pin Information
1.1
Pin Assignments
Figure 1. Pin Assignments
1.2
Pin Descriptions
Pin Number
Pin Name
Description
1
G
Gate.
2
S
Source.
3
D
Drain.
Tab
S
Source
1
2
3
Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com