Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP65H015G5WS Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # TP65H015G5WS
Description  650V SuperGaN® FET in TO-247-3 (source tab)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TP65H015G5WS Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button TP65H015G5WS_V01 Datasheet HTML 5Page - Renesas Technology Corp TP65H015G5WS_V01 Datasheet HTML 6Page - Renesas Technology Corp TP65H015G5WS_V01 Datasheet HTML 7Page - Renesas Technology Corp TP65H015G5WS_V01 Datasheet HTML 8Page - Renesas Technology Corp TP65H015G5WS_V01 Datasheet HTML 9Page - Renesas Technology Corp TP65H015G5WS_V01 Datasheet HTML 10Page - Renesas Technology Corp TP65H015G5WS_V01 Datasheet HTML 11Page - Renesas Technology Corp TP65H015G5WS_V01 Datasheet HTML 12Page - Renesas Technology Corp TP65H015G5WS_V01 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
TP65H015G5WS Datasheet
R07DS1669EU0400 Rev.4.00
Nov 25, 2025
Page 12
6. Related Information
All technical documents for Renesas GaN Power devices are accessible from the GaN Power Solutions page.
7. Ordering Information
Part Number
Package Description
Package Configuration
TP65H015G5WS
TO-247-3
Source tab
8.
Revision History
Revision
Date
Description
4.00
Nov 25, 2025
Updated the document's formatting; no technical changes were completed.
3.00
Jun 11, 2025
Final release.
2.00
Mar 17, 2023
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com