Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP65H015G5WS Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # TP65H015G5WS
Description  650V SuperGaN® FET in TO-247-3 (source tab)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TP65H015G5WS Datasheet(HTML) 5 Page - Renesas Technology Corp

  TP65H015G5WS Datasheet HTML 1Page - Renesas Technology Corp TP65H015G5WS Datasheet HTML 2Page - Renesas Technology Corp TP65H015G5WS Datasheet HTML 3Page - Renesas Technology Corp TP65H015G5WS Datasheet HTML 4Page - Renesas Technology Corp TP65H015G5WS Datasheet HTML 5Page - Renesas Technology Corp TP65H015G5WS Datasheet HTML 6Page - Renesas Technology Corp TP65H015G5WS Datasheet HTML 7Page - Renesas Technology Corp TP65H015G5WS Datasheet HTML 8Page - Renesas Technology Corp TP65H015G5WS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TP65H015G5WS Datasheet
R07DS1669EU0400 Rev.4.00
Nov 25, 2025
Page 5
2.3
Electrical Specifications – Forward Device
TJ = 25°C unless otherwise stated.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Unit
VDSS(BL)
Maximum drain-source voltage
VGS = 0V
650
-
-
V
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 2mA
3.3
4
4.8
V
RDS(on)eff
Drain-source on-resistance [1]
VGS = 10V, ID = 60A,
TJ = 25°C
-
15
18
mΩ
VGS = 10V, ID = 60A,
TJ = 150°C
-
27
-
IDSS
Drain-to-source leakage current
VDS = 650V, VGS = 0V,
TJ = 25°C
-
7
70
µA
VDS = 650V, VGS = 0V,
TJ = 150°C
-
50
-
IGSS
Gate-to-source forward leakage current
VGS = 20V
-
-
400
nA
Gate-to-source reverse leakage current
VGS = -20V
-
-
-400
CISS
Input capacitance
VGS = 0V, VDS = 400V,
f = 1MHz
-
5218
-
pF
COSS
Output capacitance
-
307
-
CRSS
Reverse transfer capacitance
-
4.5
-
CO(er)
Output capacitance, energy related [2]
VGS = 0V,
VDS = 0V to 400V
-
476
-
pF
CO(tr)
Output capacitance, time related [3]
-
1026
-
QG
Total gate charge
VDS = 400V, VGS = 0V to
10V, ID = 60A
-
74
-
nC
QGS
Gate-source charge
-
34
-
QGD
Gate-drain charge
-
21
-
QOSS
Output charge
VGS = 0V,
VDS = 0V to 400V
-
430
-
nC
tD(on)
Turn-on delay
VDS = 400V, VGS = 0V to
12V, RG = 15Ω,
ZFB = 120Ω at 100MHz,
ID = 60A (see Figure 15)
-
87
-
ns
tR
Rise time
-
18
-
tD(off)
Turn-off delay
-
123
-
tF
Fall time
-
9.4
-
1.
Dynamic RDS(on),100% tested; see Figure 17 and Figure 18 for conditions.
2.
Equivalent capacitance to give same stored energy from 0V to 400V.
3.
Equivalent capacitance to give same charging time from 0V to 400V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com