Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP65H015G5WS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # TP65H015G5WS
Description  650V SuperGaN® FET in TO-247-3 (source tab)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TP65H015G5WS Datasheet(HTML) 1 Page - Renesas Technology Corp

  TP65H015G5WS Datasheet HTML 1Page - Renesas Technology Corp TP65H015G5WS Datasheet HTML 2Page - Renesas Technology Corp TP65H015G5WS Datasheet HTML 3Page - Renesas Technology Corp TP65H015G5WS Datasheet HTML 4Page - Renesas Technology Corp TP65H015G5WS Datasheet HTML 5Page - Renesas Technology Corp TP65H015G5WS Datasheet HTML 6Page - Renesas Technology Corp TP65H015G5WS Datasheet HTML 7Page - Renesas Technology Corp TP65H015G5WS Datasheet HTML 8Page - Renesas Technology Corp TP65H015G5WS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Datasheet
TP65H015G5WS
650V SuperGaN® FET in TO-247-3 (source tab)
R07DS1669EU0400 Rev.4.00
Nov 25, 2025
Page 1
© 2025 Renesas Electronics
Description
The TP65H015G5WS 650V, 15mΩ gallium nitride
GaN FET is a normally-off device using Renesas’s
Gen V platform. It combines a state-of-the-art high
voltage GaN HEMT with a low voltage silicon
MOSFET to offer superior reliability and
performance.
The Gen V SuperGaN® platform uses advanced epi
and patented design technologies to simplify
manufacturability while improving efficiency over
silicon via lower gate charge, output capacitance,
crossover loss, and reverse recovery charge.
Benefits
■
Superior normally off architecture with D-mode
GaN HEMT
■
Compatible with standard silicon drivers
■
Enhanced noise immunity with a 4V threshold
voltage with no negative gate drive required
■
Enables high-efficiency, high power density, and
reliable power conversion
■
Facilitates cost-effective GaN adoption reducing
system size, weight, and costs
Product and Schematic Diagrams
TP65H015G5WS TO-247-3
Cascode Schematic Symbol
Cascode Device Structure
Features
■
Ultra-fast switching Gen V GaN technology
■
JEDEC-qualified GaN technology
■
Dynamic RDS(on)eff production tested
■
Reduced crossover loss
■
Negligible Qrr
■
RoHS compliant and Halogen-free packaging
Applications
■
AI datacenter and
telecom power supplies
■
E-mobility charging
■
PV inverter
■
UPS
■
BESS
Specifications
VDS (V)
650
VDSS(TR)(V) maximum
725
RDS(on) (mΩ) maximum [1]
18
QOSS (nC) typical
430
QG (nC) typical
74
1.
Dynamic RDS(on) (see Figure 17 and Figure 18)


Similar Part No. - TP65H015G5WS

ManufacturerPart #DatasheetDescription
logo
Transphorm Inc
TP65H015G5WS TRANSPHORM-TP65H015G5WS Datasheet
362Kb / 7P
650V SuperGaN??FET in TO-247 (source tab)
More results

Similar Description - TP65H015G5WS

ManufacturerPart #DatasheetDescription
logo
Transphorm Inc
TP65H015G5WS TRANSPHORM-TP65H015G5WS Datasheet
362Kb / 7P
650V SuperGaN??FET in TO-247 (source tab)
TP65H035G4QS TRANSPHORM-TP65H035G4QS Datasheet
1Mb / 13P
650V SuperGaN® FET in TOLL (source tab)
Dec. 5, 2023
TP65H035G4WSQA TRANSPHORM-TP65H035G4WSQA Datasheet
726Kb / 13P
650V SuperGaN® FET in TO-247 (source tab)
Oct. 29, 21
TP65H035G4YS TRANSPHORM-TP65H035G4YS Datasheet
1Mb / 12P
650V SuperGaN® FET in TO-247 (source tab)
Oct. 30, 2023
TP65H050G4BS TRANSPHORM-TP65H050G4BS Datasheet
1Mb / 15P
650V SuperGaN® FET in TO-263 (source tab)
Sep. 14, 2022
TP65H050G4QS TRANSPHORM-TP65H050G4QS Datasheet
1Mb / 13P
650V SuperGaN® FET in TOLL (source tab)
May. 14, 2023
TP65H050G4WS TRANSPHORM-TP65H050G4WS Datasheet
1Mb / 13P
650V SuperGaN® FET in TO-247 (source tab)
July. 22, 2021
TP65H050G4YS TRANSPHORM-TP65H050G4YS Datasheet
1Mb / 12P
650V SuperGaN® FET in TO-247 (source tab)
Dec. 14, 2023
TP65H070G4QS TRANSPHORM-TP65H070G4QS Datasheet
2Mb / 13P
650V SuperGaN® FET in TOLL (source tab)
August 17, 2023
TP65H150G4PS TRANSPHORM-TP65H150G4PS Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in TO-220 (source tab)
August 22, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com