Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

216571 Datasheet(PDF) 19 Page - Molex Electronics Ltd.

Part # 216571
Description  MICRO-FIT SOLUTION WIRE TO BOARD CONNECTOR SYSTEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

216571 Datasheet(HTML) 19 Page - Molex Electronics Ltd.

Back Button 216571 Datasheet HTML 15Page - Molex Electronics Ltd. 216571 Datasheet HTML 16Page - Molex Electronics Ltd. 216571 Datasheet HTML 17Page - Molex Electronics Ltd. 216571 Datasheet HTML 18Page - Molex Electronics Ltd. 216571 Datasheet HTML 19Page - Molex Electronics Ltd. 216571 Datasheet HTML 20Page - Molex Electronics Ltd. 216571 Datasheet HTML 21Page - Molex Electronics Ltd. 216571 Datasheet HTML 22Page - Molex Electronics Ltd. 216571 Datasheet HTML 23Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
PRODUCT SPECIFICATION
Micro-Fit + Connector System Web Page
TABLE OF CONTENTS
REVISION:
ECM INFORMATION:
TITLE:
MICRO-FIT + WTB PRODCUT SPEC
WIRE TO BOARD CONNECTOR SYSTEM
SHEET No.
D3
EC No:
646943
19 of 23
DATE:
10/12/2020202
2/10/17
DOCUMENT NUMBER:
DOC
TYPE:
DOC
PART:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
2064600000-PS
PS
000
ZIXUAQ
NCSR
NCSR
TEMPLATE FILENAME: 1703070003 REV A
8.0
SOLDER INFORMATION
Per SMES-152 and AS-40000-5013
*These specifications establish standard solderability test methods used to evaluate a products ability to
accept molten solder. Solder Process Temperatures and Reflow Solder Profiles will vary based on
application, equipment, solder paste, PCB thickness, etc.
8.1
SOLDER PROCESS TEMPERATURES *
Wave Solder Temperature:
260°C Maximum
Reflow Solder Temperature: 260°C Maximum
8.2
SOLDERING PROFILE
(This profile is per JEDEC J-STD-020D.1 and it is for guideline only; please see notes for additional
information)
Molex Solderability Specification
SMES-152
(Click Here)
Molex Connector Heat Resistance
Specification AS-40000-5013
(Click Here)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com