Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

216571 Datasheet(PDF) 21 Page - Molex Electronics Ltd.

Part # 216571
Description  MICRO-FIT SOLUTION WIRE TO BOARD CONNECTOR SYSTEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

216571 Datasheet(HTML) 21 Page - Molex Electronics Ltd.

Back Button 216571 Datasheet HTML 15Page - Molex Electronics Ltd. 216571 Datasheet HTML 16Page - Molex Electronics Ltd. 216571 Datasheet HTML 17Page - Molex Electronics Ltd. 216571 Datasheet HTML 18Page - Molex Electronics Ltd. 216571 Datasheet HTML 19Page - Molex Electronics Ltd. 216571 Datasheet HTML 20Page - Molex Electronics Ltd. 216571 Datasheet HTML 21Page - Molex Electronics Ltd. 216571 Datasheet HTML 22Page - Molex Electronics Ltd. 216571 Datasheet HTML 23Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
PRODUCT SPECIFICATION
Micro-Fit + Connector System Web Page
TABLE OF CONTENTS
REVISION:
ECM INFORMATION:
TITLE:
MICRO-FIT + WTB PRODCUT SPEC
WIRE TO BOARD CONNECTOR SYSTEM
SHEET No.
D3
EC No:
646943
21 of 23
DATE:
10/12/2020202
2/10/17
DOCUMENT NUMBER:
DOC
TYPE:
DOC
PART:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
2064600000-PS
PS
000
ZIXUAQ
NCSR
NCSR
TEMPLATE FILENAME: 1703070003 REV A
10.0
CABLE TIE AND / OR TWIST TIE LOCATION
CKT Size
Dim T Min.
2
4
6
0.50
” (12.7mm)
8
0.
75” (19.1mm)
10
12
1.
00” (25.40mm)
14
16
1.
25” (31.75mm)
18
20
1.
50” (38.09mm)
22
24
1.
75” (44.45mm)
The “T” dimension defines a “free” length of wire, or a length of wire that is not subject to significant bias by
external factors such as a wire tie, wire twisting, or other means of bending or deforming of the wires that
repositions them from their natural relaxed state or location where they enter the housing. Wires are to be
dressed in such a manner to allow the terminals to float freely in the pocket. This dimension is general
recommendation and may need to be adjusted for different wire gauges and wire type and insulation
thickness and insulation material.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com