Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9820 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9820
Description  HIGH SIDE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9820 Datasheet(HTML) 2 Page - STMicroelectronics

  L9820 Datasheet HTML 1Page - STMicroelectronics L9820 Datasheet HTML 2Page - STMicroelectronics L9820 Datasheet HTML 3Page - STMicroelectronics L9820 Datasheet HTML 4Page - STMicroelectronics L9820 Datasheet HTML 5Page - STMicroelectronics L9820 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Max Forward Voltage
50
Vdc
IR
Reverse Bias Current at -1.3V
–0.46
A
V5
Input Voltage (to GND)
–0.3 to 20
V
V8
Diag. Output Voltage (to GND)
–0.3 to 20
V
V1
Output Voltage (to GND)
–0.3 to 25
V
I4
Supply Current
Internally limited
I5
Enable Input Current
0.5
mA
I8
Diag. Out Current (sink)
10
mA
I1
Output Current
Internally limited
Top
Operation Temperature
–40 to 85
°C
Tj,Tstg
Junction and Storage Temperature Range
–55 to 150
°C
Tjp
Detecting Temperature
150
°C
THERMAL DATA
Symbol
Parameter
Minidip
SO8
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max.
100
200
°C/W
TRUTH TABLE
H: high level
L: low level
ENABLE
FUNCTION
DIAG. STATUS
POWER STATUS
L
Operating OFF
H
L
H
Normal Operation
H
H
H
Overvoltage Protection ON
L
L
H
Overcurrent Protection ON
L
L
H
Overtemperature
Protection ON
LL
PIN CONNECTION (Top views)
Minidip
SO8
L9820
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com