Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9820 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9820
Description  HIGH SIDE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9820 Datasheet(HTML) 3 Page - STMicroelectronics

  L9820 Datasheet HTML 1Page - STMicroelectronics L9820 Datasheet HTML 2Page - STMicroelectronics L9820 Datasheet HTML 3Page - STMicroelectronics L9820 Datasheet HTML 4Page - STMicroelectronics L9820 Datasheet HTML 5Page - STMicroelectronics L9820 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PIN FUNCTIONS
N.
Name
Description
1
POWER OUTPUT
The device is provided with short circuit protection.
4
POWER SUPPLY
Supply voltage input.
5
ENABLE INPUT
TTL compatible input. High level on this pin means output current ON.
The low level voltage switches off the charge pump, the power stage and
the diagnostic output reducing to the minimum value the quiescent current.
7
GROUND
This pin must be connected to ground.
8
DIAGNOSTIC FEEDBACK
The diagnostic circuit is active in input high level condition. This output
detects with Tipically 50
µs delay at Tamb =25°C the following faults:
– Overvoltage condition.
– Thermal shutdown.
– Short circuit. The power stage current is internally limited at 1.5A.
The diagnostic output is active low. The diagnostic delay time allows to
avoid spurious diagnosys(i.e.: turn ON overcurrent, overvoltage spikes etc.).
ELECTRICAL CHARACTERISTICS (VS = 14.4V, –40
°C≤ Tj ≤ +85°C, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Operating Supply Voltage
6
25
V
Ron
On Resistance
Input > 2V, Tj =25
°C
Input > 2V, Full T range
0.6
0.8
1.2
Ω
Ω
Ioff
Off State Supply Current
Tj <35
°C
Tj =85
°C
130
300
µA
µA
Ion
On State Supply Current
4
mA
VEL
Enable Low Level
0.8
V
VEH
Enable High Level
2
V
IE
Enable Current
0V < Vi <5V
10
µA
Ileakd
Diagnostic Output Leakage Current
VCC = 5V Diagnostic Output High
10
µA
Vsatd
Diagnostic Output Saturated
Voltage
Isink < 3.5mA
0.4
V
tdd
Diagnostic Delay Time
Tj =25
°C30
µs
tdon
Output ON Delay Time
Tj =25
°C30
µs
tr
Output ON Rise Time
Tj = 25
°C
100
µs
tdoff
Output OFF Delay Time
Tj = 25
°C80
µs
tf
Output OFF Fall Time
Tj = 25
°C
100
µs
Vdon
Overvoltage Detection ON
25
V
Vdh
Overvoltage Hysteresis
2
5
V
Idon
Overcurrent Detection ON
0.5
1.5
A
Tdon
Overtemperature Detection ON
150
°C
Tdh
Overtemperature Hysteresis
25
50
°C
L9820
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com