Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1284Q/R Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1284Q/R
Description  Watchdog Timekeepers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1284Q/R Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1284Q/R Datasheet HTML 2Page - Dallas Semiconductor DS1284Q/R Datasheet HTML 3Page - Dallas Semiconductor DS1284Q/R Datasheet HTML 4Page - Dallas Semiconductor DS1284Q/R Datasheet HTML 5Page - Dallas Semiconductor DS1284Q/R Datasheet HTML 6Page - Dallas Semiconductor DS1284Q/R Datasheet HTML 7Page - Dallas Semiconductor DS1284Q/R Datasheet HTML 8Page - Dallas Semiconductor DS1284Q/R Datasheet HTML 9Page - Dallas Semiconductor DS1284Q/R Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DS1284/DS1286
6 of 18
TIME-OF-DAY REGISTERS
Registers 0, 1, 2, 4, 6, 8, 9, and A contain time-of-day data in BCD. Ten bits within these eight registers
are not used and always read 0 regardless of how they are written. Bits 6 and 7 in the months register (9)
are binary bits. When set to logic 0,
EOSC (bit 7) enables the RTC oscillator. This bit is set to logic 1 as
shipped from Dallas Semiconductor to prevent lithium energy consumption during storage and shipment.
The user normally turns this bit on during device initialization. However, the oscillator can be turned on
and off as necessary by setting this bit to the appropriate level. Bit 6 of this same byte controls the square-
wave output (pin 23). When set to logic 0, the square-wave output pin outputs a 1024Hz square-wave
signal. When set to logic 1, the square-wave output pin is in a high-impedance state. Bit 6 of the hours
register is defined as the 12- or 24-hour select bit. When set to logic 1, the 12-hour format is selected. In
the 12-hour format, bit 5 is the AM/PM bit with logic 1 being PM. In the 24-hour mode, bit 5 is the
second 10-hour bit (20–23 hours). The time-of-day registers are updated every 0.01 seconds from the
RTC, except when the TE bit (bit 7 of register B) is set low or the clock oscillator is not running. The
preferred method of synchronizing data access to and from the watchdog timekeeper is to access the
command register by doing a write cycle to address location 0B and setting the TE (transfer enable) bit to
a logic 0. Doing so freezes the external time-of-day registers at the present recorded time, allowing access
to occur without danger of simultaneous update. When the watch registers have been read or written, a
second write cycle to location 0B, setting the TE bit to a logic 1, puts the time-of-day registers back to
being updated every 0.01 second. No time is lost in the RTC because the internal copy of the time-of-day
register buffers is continually incremented while the external memory registers are frozen.
An alternate method of reading and writing the time-of-day registers is to ignore synchronization.
However, any single read may give erroneous data as the RTC may be in the process of updating the
external memory registers as data is being read. The internal copies of seconds through years are
incremented and time-of-day alarm is checked during the period that hundreds of seconds read 99 and are
transferred to the external register when hundredths of seconds roll from 99 to 00. A way of making sure
data is valid is to do multiple reads and compare. Writing the registers can also produce erroneous results
for the same reasons. A way of making sure that the write cycle has caused proper update is to do read
verifies and re-execute the write cycle if data is not correct. While the possibility of erroneous results
from reads and write cycles has been stated, it is worth noting that the probability of an incorrect result is
kept to a minimum due to the redundant structure of the watchdog timekeeper.
TIME-OF-DAY ALARM REGISTERS
Registers 3, 5, and 7 contain the time-of-day alarm registers. Bits 3, 4, 5, and 6 of register 7 always read 0
regardless of how they are written. Bit 7 of registers 3, 5, and 7 are mask bits (Figure 3). When all the
mask bits are logic 0, a time-of-day alarm only occurs when registers 2, 4, and 6 match the values stored
in registers 3, 5, and 7. An alarm is generated every day when bit 7 of register 7 is set to logic 1.
Similarly, an alarm is generated every hour when bit 7 of registers 7 and 5 is set to logic 1. When bit 7 of
registers 7, 5, and 3 is set to logic 1, an alarm occurs every minute when register 1 (seconds) rolls from 59
to 00.
Time-of-day alarm registers are written and read in the same format as the time-of-day registers. The
time-of-day alarm flag and interrupt is always cleared when alarm registers are read or written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com