Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1284Q/R Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1284Q/R
Description  Watchdog Timekeepers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1284Q/R Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1284Q/R Datasheet HTML 4Page - Dallas Semiconductor DS1284Q/R Datasheet HTML 5Page - Dallas Semiconductor DS1284Q/R Datasheet HTML 6Page - Dallas Semiconductor DS1284Q/R Datasheet HTML 7Page - Dallas Semiconductor DS1284Q/R Datasheet HTML 8Page - Dallas Semiconductor DS1284Q/R Datasheet HTML 9Page - Dallas Semiconductor DS1284Q/R Datasheet HTML 10Page - Dallas Semiconductor DS1284Q/R Datasheet HTML 11Page - Dallas Semiconductor DS1284Q/R Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DS1284/DS1286
8 of 18
interrupt output goes to the active state, which is determined by bits 0, 4, 5, and 6 of the command
register.
Bit 1: Watchdog Alarm Flag (WAF). When this bit is set internally to logic 1, a watchdog alarm has
occurred. This bit is read-only and writing this register has no effect on the bit. The bit is reset when any
of the watchdog alarm registers are accessed. The WAM bit has no effect on the operation of this bit. If
pulse mode (PU/LVL = 1) is selected, the watchdog continues to run and the flag is internally written to 0
at the end of the pulse. The WAM bit has no effect on the operation of this bit.
Bit 0: Time-of-Day Alarm Flag (TDF). When this bit is set internally to a logic 1, indicates that a match
with the time-of-day alarm registers has occurred. This bit is read-only and writing this register has no
effect on the bit. The time of the alarm can be determined by reading the time-of-day alarm registers. The
bit is reset when any of the time-of-day alarm registers are read. The TDM bit has no effect on the
operation of this bit.
Figure 3. Time-of-Day Alarm Mask Bits
REGISTER
(03h)
MINUTES
(05h)
HOURS
(07h)
DAYS
FUNCTION
1
1
1
Alarm once per minute
0
1
1
Alarm when minutes match
0
0
1
Alarm when hours and minutes match
0
0
0
Alarm when hours, minutes, and days match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com