Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9822N Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9822N
Description  OCTAL SERIAL SOLENOID DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9822N Datasheet(HTML) 2 Page - STMicroelectronics

  L9822N Datasheet HTML 1Page - STMicroelectronics L9822N Datasheet HTML 2Page - STMicroelectronics L9822N Datasheet HTML 3Page - STMicroelectronics L9822N Datasheet HTML 4Page - STMicroelectronics L9822N Datasheet HTML 5Page - STMicroelectronics L9822N Datasheet HTML 6Page - STMicroelectronics L9822N Datasheet HTML 7Page - STMicroelectronics L9822N Datasheet HTML 8Page - STMicroelectronics L9822N Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PIN CONNECTIONS (top view)
GND
SO
VCC
RESET
OUT7
OUT5
OUT6
OUT4
N.C.
N.C.
OUT3
OUT2
OUT0
OUT1
CE
SCLK
SI
GND
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
GND
GND
D94AT119A
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-Case
Max.
1.5
°C/W
Rth j-amb
Thermal Resistance Junction-Ambient
Max.
60
°C/W
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Logic Supply
– 0.7
7
V
VO
Output Voltage
– 0.7
40
V
II
Input Transient Current
(CE, SI, SCLK, RESET, SO) :
Duration Time t = 1s,
VI <0
VI >VCC
–25
+25
mA
mA
Tj,Tstg
Junction and Storage Temperature Range
– 40
150
°C
L9822N
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com