Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9822N Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9822N
Description  OCTAL SERIAL SOLENOID DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9822N Datasheet(HTML) 1 Page - STMicroelectronics

  L9822N Datasheet HTML 1Page - STMicroelectronics L9822N Datasheet HTML 2Page - STMicroelectronics L9822N Datasheet HTML 3Page - STMicroelectronics L9822N Datasheet HTML 4Page - STMicroelectronics L9822N Datasheet HTML 5Page - STMicroelectronics L9822N Datasheet HTML 6Page - STMicroelectronics L9822N Datasheet HTML 7Page - STMicroelectronics L9822N Datasheet HTML 8Page - STMicroelectronics L9822N Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
L9822N
OCTAL SERIAL SOLENOID DRIVER
.
EIGHT LOW RDSon DMOS OUTPUTS
(0.5
Ω AT IO =1A @ 25°CVCC =5V± 5%)
.
8 BIT SERIAL INPUT DATA (SPI)
.
8 BIT SERIAL DIAGNOSTIC OUTPUT FOR
OVERLOADAND OPENCIRCUIT CONDITIONS
.
OUTPUT SHORT CIRCUIT PROTECTION
.
CHIP ENABLE SELECT FUNCTION (active low)
.
INTERNAL 35V CLAMPING FOR EACH OUT-
PUT
.
CASCADABLE
WITH
ANOTHER
OCTAL
DRIVER
.
LOW QUIESCENT CURRENT (10mA MAX.)
.
PACKAGE Power SO20
DESCRIPTION
The L9822N is an octal low side solenoid driver
rea lized in Multipower-BCD technology particularly
suited for driving lamps, relays and solenoids in au-
BLOCK DIAGRAM
PowerSO20
ORDERING NUMBER: L9822N
tomotive environment. The DMOS outpts L9822N
has a very low power consumption.
Data is transmitted serially to the device using the
Serial Peripheral Interface (SPI) protocol.
The L9822N features the outputsstatus monitoring
function.
MULTIPOWER BCD TECHNOLOGY
October 1997
1/9


Similar Part No. - L9822N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9822N STMICROELECTRONICS-L9822N Datasheet
737Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Oct-2003
L9822N STMICROELECTRONICS-L9822N_03 Datasheet
737Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Oct-2003
More results

Similar Description - L9822N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9822E STMICROELECTRONICS-L9822E Datasheet
112Kb / 11P
OCTAL SERIAL SOLENOID DRIVER
Sep-1994
L98SI STMICROELECTRONICS-L98SI Datasheet
77Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Apr-1998
L9822E STMICROELECTRONICS-L9822E_02 Datasheet
1Mb / 10P
OCTAL SERIAL SOLENOID DRIVER
Jan-2002
L9822N STMICROELECTRONICS-L9822N_03 Datasheet
737Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Oct-2003
L9822EPD013TR STMICROELECTRONICS-L9822EPD013TR Datasheet
238Kb / 17P
Octal serial solenoid driver
20-Sep-2013
logo
Pepperl+Fuchs Inc.
HIC2877 PF-HIC2877 Datasheet
729Kb / 5P
Solenoid Driver
KCD0-SD-EX1.1245 PF-KCD0-SD-EX1.1245 Datasheet
898Kb / 4P
Solenoid Driver
KCD2-SLD-EX1.1045 PF-KCD2-SLD-EX1.1045 Datasheet
1Mb / 5P
Solenoid Driver
KCD2-SLD-EX1.1065 PF-KCD2-SLD-EX1.1065 Datasheet
1Mb / 5P
Solenoid Driver
logo
Maxim Integrated Produc...
MAX22200 MAXIM-MAX22200 Datasheet
874Kb / 45P
36V, 1A Octal Integrated Serial-Controlled Solenoid and Motor Driver
Rev 0; 4/20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com