Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

558304 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 558304
Description  Plastic tubing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

558304 Datasheet(HTML) 1 Page - Festo Corporation.

  558304 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Plastic tubing
PUN-H-16X2,5-GE
Part number: 558304
General operating condition
Data sheet
Feature
Value
Outside diameter
16 mm
Bending radius relevant for flow rate
88 mm
Inside diameter
11 mm
Min. bending radius
38 mm
Application note
TPE-U Ether based
Tubing characteristics
Suitable for energy chains
Operating pressure for entire temperature range
-0.095 MPa ... 0.6 MPa
Operating pressure for entire temperature range
-0.95 bar ... 6 bar
Operating pressure for entire temperature range
-13.775 psi ... 87 psi
Temperature-dependent operating pressure
-0.095 MPa ... 1 MPa
Temperature-dependent operating pressure
-0.95 bar ... 10 bar
Temperature-dependent operating pressure
-13.775 psi ... 145 psi
Information on operating pressure
Water: temperature-dependent operating pressure, see diagram, max.
0.3 MPa at 0 - 60 °C
Certification
German Technical Control Board (TÜV)
Certificate issuing authority
B 013277 0527 00
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Water (liquid, ice-free)
Material fire test
UL94 HB
LABS (PWIS) conformity
VDMA24364-B2-L
Suitability for the production of Li-ion batteries
Suitable for battery production with reduced Cu/Zn/Ni values (F1a)
Cleanroom suitability, measured according to ISO 14644-14
Statically installed element, no meaningful evaluation possible
according to ISO 14644-1
For use in the food industry
See supplementary material information
Ambient temperature
-35 °C ... 60 °C
Product weight by length
0.123 kg/m
Pneumatic connection
For plug connection outside diameter 16 mm
Color
Yellow
Shore hardness
D 52 +/-3
Note on materials
RoHS-compliant
Material of pneumatic tubing
TPE-U(PU)
2/23/26 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 558304

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
558300 FESTO-558300 Datasheet
75Kb / 1P
Plastic tubing
558301 FESTO-558301 Datasheet
78Kb / 1P
Plastic tubing
558302 FESTO-558302 Datasheet
78Kb / 1P
Plastic tubing
558303 FESTO-558303 Datasheet
78Kb / 1P
Plastic tubing
558306 FESTO-558306 Datasheet
70Kb / 1P
Adapter kit
More results

Similar Description - 558304

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
121-100 GLENAIR-121-100_09 Datasheet
338Kb / 1P
Helical Convoluted Tubing
121-101 GLENAIR-121-101_09 Datasheet
331Kb / 1P
Helical Convoluted Tubing
120-144 GLENAIR-120-144 Datasheet
230Kb / 1P
Annular Convoluted Tubing
logo
Tyco Electronics
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
RAYCHEM Tubing Products
022611-000 MACOM-022611-000 Datasheet
652Kb / 24P
RAYCHEM Tubing Products
logo
List of Unclassifed Man...
701800-Color-2 ETC2-701800-Color-2 Datasheet
344Kb / 2P
Neon-inspired tubing
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
Tubing
G120NF14 ALPHAWIRE-G120NF14 Datasheet
207Kb / 3P
Tubing
logo
Analog Technologies, In...
ATTB30B ANALOGTECHNOLOGIES-ATTB30B Datasheet
144Kb / 2P
Ultra Small High Temperature Plastic Tubing
6/11/2015
ATTB32B ANALOGTECHNOLOGIES-ATTB32B Datasheet
143Kb / 2P
Ultra Small High Temperature Plastic Tubing
6/11/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com